Electronic Components Datasheet Search
  English  ▼

X  

AD9974BBCZ Datasheet(PDF) 50 Page - Analog Devices

Part # AD9974BBCZ
Description  Dual-Channel, 14-Bit, CCD Signal Processor with Precision Timing Core
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9974BBCZ Datasheet(HTML) 50 Page - Analog Devices

Back Button AD9974BBCZ Datasheet HTML 44Page - Analog Devices AD9974BBCZ Datasheet HTML 45Page - Analog Devices AD9974BBCZ Datasheet HTML 46Page - Analog Devices AD9974BBCZ Datasheet HTML 47Page - Analog Devices AD9974BBCZ Datasheet HTML 48Page - Analog Devices AD9974BBCZ Datasheet HTML 49Page - Analog Devices AD9974BBCZ Datasheet HTML 50Page - Analog Devices AD9974BBCZ Datasheet HTML 51Page - Analog Devices AD9974BBCZ Datasheet HTML 52Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 50 / 52 page
background image
AD9974
Rev. A | Page 50 of 52
OUTLINE DIMENSIONS
B
C
D
E
F
G
H
J
K
A
SEATING
PLANE
0.25 MIN
DETAIL A
0.55
0.50
0.45
BALL DIAMETER
COPLANARITY
0.12
0.80 BSC
7.20
BSC SQ
10 9
8
7
6 5
4 3
2 1
TOP VIEW
BALL A1
PAD CORNER
DETAIL A
1.40 MAX
0.65 MIN
A1 CORNER
INDEX AREA
9.10
9.00 SQ
8.90
COMPLIANT TO JEDEC STANDARDS MO-205-AB.
Figure 56. 100-Lead Chip Scale Package Ball Grid Array [CSP_BGA]
(BC-100-1)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD9974BBCZ1
−25°C to +85°C
100-Lead Chip Scale Package Ball Grid Array [CSP_BGA]
BC-100-1
AD9974BBCZRL1
−25°C to +85°C
100-Lead Chip Scale Package Ball Grid Array [CSP_BGA]
BC-100-1
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com