Electronic Components Datasheet Search
  English  ▼

X  

AD22037Z Datasheet(PDF) 6 Page - Analog Devices

Part # AD22037Z
Description  Precision 1.7g, -1.7g, 5g, -5g, 18g, -18g Single-/ Dual-Axis iMEMS Accelerometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD22037Z Datasheet(HTML) 6 Page - Analog Devices

Back Button AD22037Z Datasheet HTML 2Page - Analog Devices AD22037Z Datasheet HTML 3Page - Analog Devices AD22037Z Datasheet HTML 4Page - Analog Devices AD22037Z Datasheet HTML 5Page - Analog Devices AD22037Z Datasheet HTML 6Page - Analog Devices AD22037Z Datasheet HTML 7Page - Analog Devices AD22037Z Datasheet HTML 8Page - Analog Devices AD22037Z Datasheet HTML 9Page - Analog Devices AD22037Z Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADXL103/ADXL203
Data Sheet
Rev. D | Page 6 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
ADXL103 AND ADXL203
VS = 5 V for all graphs, unless otherwise noted.
0
25
20
15
10
5
ZERO g BIAS (V)
Figure 5. X-Axis Zero g Bias Deviation from Ideal at 25°C
0
25
30
20
15
10
5
TEMPERATURE COEFFICIENT (mg/°C)
Figure 6. X-Axis Zero g Bias Temperature Coefficient
0
35
40
20
25
30
15
10
5
SENSITIVITY (V/g)
Figure 7. X-Axis Sensitivity at 25°C
0
30
25
20
15
10
5
ZERO g BIAS (V)
Figure 8. Y-Axis Zero g Bias Deviation from Ideal at 25°C
0
25
20
15
10
5
TEMPERATURE COEFFICIENT (mg/°C)
Figure 9. Y-Axis Zero g Bias Temperature Coefficient
0
35
40
20
25
30
15
10
5
SENSITIVITY (V/g)
Figure 10. Y-Axis Sensitivity at 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com