Electronic Components Datasheet Search
  English  ▼

X  

AD73311ARSZ Datasheet(PDF) 2 Page - Analog Devices

Part # AD73311ARSZ
Description  Low Cost, Low Power CMOS General Purpose Analog Front End
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD73311ARSZ Datasheet(HTML) 2 Page - Analog Devices

  AD73311ARSZ Datasheet HTML 1Page - Analog Devices AD73311ARSZ Datasheet HTML 2Page - Analog Devices AD73311ARSZ Datasheet HTML 3Page - Analog Devices AD73311ARSZ Datasheet HTML 4Page - Analog Devices AD73311ARSZ Datasheet HTML 5Page - Analog Devices AD73311ARSZ Datasheet HTML 6Page - Analog Devices AD73311ARSZ Datasheet HTML 7Page - Analog Devices AD73311ARSZ Datasheet HTML 8Page - Analog Devices AD73311ARSZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
–2–
REV. B
AD73311–SPECIFICATIONS1
AD73311A
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
REFERENCE
5VEN = 0
REFCAP
Absolute Voltage, VREFCAP
1.08
1.2
1.32
V
REFCAP TC
50
ppm/
°C
0.1
µF Capacitor Required from
REFOUT
REFCAP to AGND2
Typical Output Impedance
68
Ω
Absolute Voltage, VREFOUT
1.08
1.2
1.32
V
Unloaded
Minimum Load Resistance
1
k
Ω
Maximum Load Capacitance
100
pF
ADC SPECIFICATIONS
Maximum Input Range at VIN
2, 3
1.578
V p-p
5VEN = 0, Measured Differentially
–2.85
dBm
Nominal Reference Level at VIN
1.0954
V p-p
5VEN = 0, Measured Differentially
(0 dBm0)
–6.02
dBm
Absolute Gain
PGA = 0 dB
–0.75
0.1
+1.0
dB
1.0 kHz, 0 dBm0
PGA = 38 dB
–1.5
–0.5
+0.5
dB
1.0 kHz, 0 dBm0
Gain Tracking Error
±0.1
dB
1.0 kHz, +3 dBm0 to –50 dBm0
Signal to (Noise + Distortion)
Refer to Figure 5
PGA = 0 dB
70
76
dB
300 Hz to 3.4 kHz Frequency Range
55
56
dB
0 Hz to 32 kHz Frequency Range
PGA = 38 dB
61
65
dB
300 Hz to 3.4 kHz Frequency Range
53
54
dB
0 Hz to 32 kHz Frequency Range
Total Harmonic Distortion
PGA = 0 dB
–83
–70
dB
PGA = 38 dB
–83
–70
dB
Intermodulation Distortion
–78
dB
PGA = 0 dB
Idle Channel Noise
–76
dBm0
PGA = 0 dB
Crosstalk
–100
dB
ADC Input Signal Level: 1.0 kHz, 0 dBm0
DAC Input at Idle
DC Offset
–20
+15
+50
mV
PGA = 0 dB
Power Supply Rejection
–55
dB
Input Signal Level at AVDD and DVDD
Pins 1.0 kHz, 100 mV p-p Sine Wave
Group Delay
4, 5
25
µs
64 kHz Output Sample Rate
Input Resistance at VIN
2, 4
25
k
Ω6
DMCLK = 16.384 MHz
DAC SPECIFICATIONS
Maximum Voltage Output Swing
2
Single Ended
1.578
V p-p
5VEN = 0, PGA = 6 dB
–2.85
dBm
Differential
3.156
V p-p
5VEN = 0, PGA = 6 dB
3.17
dBm
Nominal Voltage Output Swing (0 dBm0)
Single-Ended
1.0954
V p-p
5VEN = 0, PGA = 6 dB
–6.02
dBm
Differential
2.1909
V p-p
5VEN = 0, PGA = 6 dB
0
dBm
Output Bias Voltage
1.08
1.2
1.32
V
5VEN = 0, REFOUT Unloaded
Absolute Gain
–0.75
+0.2
+1.0
dB
1.0 kHz, 0 dBm0
Gain Tracking Error
±0.1
dB
1.0 kHz, +3 dBm0 to –50 dBm0
Signal to (Noise + Distortion)
AVDD = +3 V
± 5%; Refer to Figure 5
PGA = 0 dB
62.5
70
dB
300 Hz to 3.4 kHz Frequency Range
62.5
dB
0 Hz to 32 kHz Frequency Range
PGA = 6 dB
62.5
71
dB
300 Hz to 3.4 kHz Frequency Range
62.5
dB
0 Hz to 32 kHz Frequency Range
Total Harmonic Distortion
AVDD = +3 V
± 5%
PGA = 0 dB
–70
–62.5
dB
PGA = 6 dB
–70
–62.5
dB
Intermodulation Distortion
–68
dB
PGA = 0 dB
Idle Channel Noise
–82
dBm0
PGA = 0 dB
Crosstalk
–100
dB
ADC Input Signal Level: AGND; DAC
Output Signal Level: 1.0 kHz, 0 dBm0
(AVDD = +3 V
10%; DVDD = +3 V
10%; DGND = AGND = 0 V, fMCLK = 16.384 MHz,
FS = 64 kHz; TA = TMIN to TMAX, unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com