Electronic Components Datasheet Search
  English  ▼

X  

ADCMP561BRQ Datasheet(PDF) 12 Page - Analog Devices

Part # ADCMP561BRQ
Description  Dual High Speed PECL Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP561BRQ Datasheet(HTML) 12 Page - Analog Devices

Back Button ADCMP561BRQ Datasheet HTML 8Page - Analog Devices ADCMP561BRQ Datasheet HTML 9Page - Analog Devices ADCMP561BRQ Datasheet HTML 10Page - Analog Devices ADCMP561BRQ Datasheet HTML 11Page - Analog Devices ADCMP561BRQ Datasheet HTML 12Page - Analog Devices ADCMP561BRQ Datasheet HTML 13Page - Analog Devices ADCMP561BRQ Datasheet HTML 14Page - Analog Devices ADCMP561BRQ Datasheet HTML 15Page - Analog Devices ADCMP561BRQ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ADCMP561/ADCMP562
Rev. A | Page 12 of 16
Propagation delay dispersion is a specification that is important
in critical timing applications such as ATE, bench instruments,
and nuclear instrumentation. Overdrive dispersion is defined
as the variation in propagation delay as the input overdrive
conditions are changed (Figure 19). For the ADCMP561 and
ADCMP562, overdrive dispersion is typically 75 ps as the
overdrive is changed from 100 mV to 1.5 V. This specification
applies for both positive and negative overdrive because the
ADCMP561/ADCMP562 have equal delays for positive and
negative going inputs.
Q OUTPUT
INPUT VOLTAGE
1.5V OVERDRIVE
20mV OVERDRIVE
DISPERSION
VREF ± VOS
Figure 19. Propagation Delay Dispersion
COMPARATOR HYSTERESIS
The addition of hysteresis to a comparator is often useful in a
noisy environment, or where it is not desirable for the
comparator to toggle between states when the input signal is at
the switching threshold. The transfer function for a comparator
with hysteresis is shown in Figure 20. If the input voltage
approaches the threshold from the negative direction, the
comparator switches from a 0 to a 1 when the input crosses
+VH/2. The new switching threshold becomes −VH/2. The
comparator remains in a 1 state until the threshold −VH/2 is
crossed, coming from the positive direction. In this manner,
noise centered on 0 V input does not cause the comparator to
switch states unless it exceeds the region bounded by ±VH/2.
Positive feedback from the output to the input is often used to
produce hysteresis in a comparator (Figure 24). The major
problem with this approach is that the amount of hysteresis
varies with the output logic levels, resulting in a hysteresis that
is not symmetrical around zero.
In the ADCMP562, hysteresis is generated through the
programmable hysteresis pin. A resistor from the HYS pin to
GND creates a current into the part that is used to generate
hysteresis. Hysteresis generated in this manner is independent
of output swing and is symmetrical around the trip point. The
hysteresis versus resistance curve is shown in Figure 21.
A current source can also be used with the HYS pin. The
relationship between the current applied to the HYS pin and the
resulting hysteresis is shown in Figure 17.
OUTPUT
INPUT
0
1
0V
–VH
2
+VH
2
Figure 20. Comparator Hysteresis Transfer Function
160
140
120
100
80
60
40
20
0
0
10
20
30
40
50
RHYS (kΩ)
Figure 21. Comparator Hysteresis vs. RHYS
MINIMUM INPUT SLEW RATE REQUIREMENT
As for all high speed comparators, a minimum slew rate must
be met to ensure that the device does not oscillate when the
input crosses the threshold. This oscillation is due in part to the
high input bandwidth of the comparator and the parasitics of
the package. Analog Devices recommends a slew rate of 1 V/µs
or faster to ensure a clean output transition. If slew rates less
than 1 V/µs are used, hysteresis should be added to reduce the
oscillation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com