Electronic Components Datasheet Search
  English  ▼

X  

ADM1069ACPZ Datasheet(PDF) 23 Page - Analog Devices

Part # ADM1069ACPZ
Description  Super Sequencer with Margining Control
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1069ACPZ Datasheet(HTML) 23 Page - Analog Devices

Back Button ADM1069ACPZ Datasheet HTML 19Page - Analog Devices ADM1069ACPZ Datasheet HTML 20Page - Analog Devices ADM1069ACPZ Datasheet HTML 21Page - Analog Devices ADM1069ACPZ Datasheet HTML 22Page - Analog Devices ADM1069ACPZ Datasheet HTML 23Page - Analog Devices ADM1069ACPZ Datasheet HTML 24Page - Analog Devices ADM1069ACPZ Datasheet HTML 25Page - Analog Devices ADM1069ACPZ Datasheet HTML 26Page - Analog Devices ADM1069ACPZ Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
ADM1069
Rev. C | Page 23 of 32
APPLICATIONS DIAGRAM
3.3V OUT
VH
PDO8
PDO7
SYSTEM RESET
PDO6
PWRGD
PDO2
DAC1
PDO1
PDO5
PDO4
PDO3
EN
OUT
DC-TO-DC1
IN
3.3V OUT
3V OUT
5V OUT
12V OUT
EN
OUT
DC-TO-DC2
IN
1.25V OUT
EN
OUT
DC-TO-DC3
IN
1.2V OUT
0.9V OUT
5V OUT
12V IN
5V IN
3V IN
VP1
3V OUT
VP2
3.3V OUT
VP3
1.25V OUT
VX1
1.2V OUT
VX2
0.9V OUT
VX3
REFOUT
POWRON
VX4
10µF
10µF
10µF
REFIN VCCP VDDCAP GND
EN
TRIM
OUT
DC-TO-DC4
IN
ADM1069
*ONLY ONE MARGINING CIRCUIT
SHOWN FOR CLARITY. DAC1 TO DAC4
ALLOW MARGINING FOR UP TO
FOUR VOLTAGE RAILS.
Figure 34. Applications Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com