Electronic Components Datasheet Search
  English  ▼

X  

ADMP401ACEZ-RL Datasheet(PDF) 12 Page - Analog Devices

Part # ADMP401ACEZ-RL
Description  Omnidirectional Microphone with Bottom Port and Analog Output
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMP401ACEZ-RL Datasheet(HTML) 12 Page - Analog Devices

Back Button ADMP401ACEZ-RL Datasheet HTML 5Page - Analog Devices ADMP401ACEZ-RL Datasheet HTML 6Page - Analog Devices ADMP401ACEZ-RL Datasheet HTML 7Page - Analog Devices ADMP401ACEZ-RL Datasheet HTML 8Page - Analog Devices ADMP401ACEZ-RL Datasheet HTML 9Page - Analog Devices ADMP401ACEZ-RL Datasheet HTML 10Page - Analog Devices ADMP401ACEZ-RL Datasheet HTML 11Page - Analog Devices ADMP401ACEZ-RL Datasheet HTML 12Page - Analog Devices ADMP401ACEZ-RL Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Data Sheet
ADMP401
Rev. E | Page 11 of 12
OUTLINE DIMENSIONS
3.86
3.76
3.66
4.82
4.72
4.62
BOTTOM VIEW
TOP VIEW
SIDE VIEW
0.90 DIA.
(PINS 1, 5, 6)
1
3
2
4
5
6
2.62 BSC
3.30 REF
1.10 DIA.
1.68 DIA.
0.25 DIA.
(THRU HOLE)
0.79 BSC
2.54
BSC
1.27 BSC
1.10
1.00
0.90
0.24 REF
0.73 REF
1.20 BSC
2.40 BSC
0.68 REF
0.61 REF
0.70 DIA.
(PINS 2, 4)
3.14
REF
4.10 REF
REFERENCE
CORNER
PIN 1
Figure 11. 6-Terminal Chip Array Small Outline No Lead Cavity [LGA_CAV]
4.72 mm × 3.76 mm Body
(CE-6-1)
Dimensions shown in millimeters
PIN 1
DIRECTION OF FEED
Figure 12. Microphone Orientation in Tape Until Date Code 1213
PIN 1
DIRECTION OF FEED
Figure 13. Microphone Orientation in Tape Starting with Date Code 1213
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option2
Ordering Quantity
ADMP401ACEZ-RL
−40°C to +85°C
6-Terminal LGA_CAV, 13”Tape and Reel
CE-6-1
4,500
ADMP401ACEZ-RL7
−40°C to +85°C
6-Terminal LGA_CAV, 7”Tape and Reel
CE-6-1
1,000
EVAL-ADMP401Z
Evaluation Board
EVAL-ADMP401Z-FLEX
Evaluation Board
1
Z = RoHS Compliant Part.
2
The CE-6-1 package option is halide free.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com