Electronic Components Datasheet Search
  English  ▼

X  

EVAL-ADMP401Z Datasheet(PDF) 9 Page - Analog Devices

Part # EVAL-ADMP401Z
Description  Omnidirectional Microphone with Bottom Port and Analog Output
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADMP401Z Datasheet(HTML) 9 Page - Analog Devices

Back Button EVAL-ADMP401Z Datasheet HTML 5Page - Analog Devices EVAL-ADMP401Z Datasheet HTML 6Page - Analog Devices EVAL-ADMP401Z Datasheet HTML 7Page - Analog Devices EVAL-ADMP401Z Datasheet HTML 8Page - Analog Devices EVAL-ADMP401Z Datasheet HTML 9Page - Analog Devices EVAL-ADMP401Z Datasheet HTML 10Page - Analog Devices EVAL-ADMP401Z Datasheet HTML 11Page - Analog Devices EVAL-ADMP401Z Datasheet HTML 12Page - Analog Devices EVAL-ADMP401Z Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
ADMP401
Data Sheet
Rev. E | Page 8 of 12
APPLICATIONS INFORMATION
The ADMP401 output can be connected to a dedicated codec
microphone input (see Figure 9) or to a high input impedance
gain stage (see Figure 10). A 0.1 µF ceramic capacitor placed
close to the ADMP401 supply pin is used for testing and is
recommended to adequately decouple the microphone from
noise on the power supply. A dc-blocking capacitor is required
at the output of the microphone. This capacitor creates a high-
pass filter with a corner frequency at
fC = 1/(2π × C × R)
where R is the input impedance of the codec.
A minimum value of 2.2 µF is recommended in Figure 9
because the input impedance of the ADAU1361/ADAU1761
can be as low as 2 kΩ at its highest PGA gain setting, which
results in a high-pass filter corner frequency at about 37 Hz.
Figure 10 shows the ADMP401 connected to the ADA4897-1
op amp configured as a noninverting preamplifier.
CONNECTING THE ADMP401 TO A CODEC
LINN
LINP
MICBIAS
ADAU1761
OR
ADAU1361
2.2µF
MINIMUM
VDD
GND
ADMP401
OUTPUT
CM
0.1µF
Figure 9. ADMP401 Connected to the Analog Devices ADAU1761 or
ADAU1361 Codec
CONNECTING THE ADMP401 TO AN OP AMP
GAIN STAGE
1µF
MINIMUM
10kΩ
R2
R1
VREF
ADA4897-1
VDD
GAIN = (R1 + R2)/R1
GND
ADMP401
OUTPUT
0.1µF
VO
VREF
Figure 10. ADMP401 Connected to the ADA4897-1 Op Amp
SUPPORTING DOCUMENTS
Application Notes
AN-1003, Recommendations for Mounting and Connecting
Analog Devices, Inc., Bottom-Ported MEMS Microphones
AN-1068, Reflow Soldering of the MEMS Microphone
AN-1112, Microphone Specifications Explained
AN-1124, Recommendations for Sealing Analog Devices, Inc.,
Bottom-Port MEMS Microphones from Dust and Liquid
Ingress
AN-1140, Microphone Array Beamforming
Circuit Notes
CN-0207, High Performance Analog MEMS Microphone’s Simple
Interface to SigmaDSP Audio Codec
CN-0262, Low Noise Analog MEMS Microphone and Preamp
with Compression and Noise Gating
Evaluation Board User Guides
UG-126, EVAL-ADMP401Z: Bottom-Ported Analog Output MEMS
Microphone Evaluation Board
UG-278, EVAL-ADMP401Z-FLEX: Bottom-Ported Analog
Output MEMS Microphone Evaluation Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com