Electronic Components Datasheet Search
  English  ▼

X  

EVAL-ADMP421Z Datasheet(PDF) 12 Page - Analog Devices

Part # EVAL-ADMP421Z
Description  Omnidirectional Microphone with Bottom Port and Digital Output
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADMP421Z Datasheet(HTML) 12 Page - Analog Devices

Back Button EVAL-ADMP421Z Datasheet HTML 8Page - Analog Devices EVAL-ADMP421Z Datasheet HTML 9Page - Analog Devices EVAL-ADMP421Z Datasheet HTML 10Page - Analog Devices EVAL-ADMP421Z Datasheet HTML 11Page - Analog Devices EVAL-ADMP421Z Datasheet HTML 12Page - Analog Devices EVAL-ADMP421Z Datasheet HTML 13Page - Analog Devices EVAL-ADMP421Z Datasheet HTML 14Page - Analog Devices EVAL-ADMP421Z Datasheet HTML 15Page - Analog Devices EVAL-ADMP421Z Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Data Sheet
ADMP421
Rev. D | Page 11 of 16
HANDLING INSTRUCTIONS
PICK-AND-PLACE EQUIPMENT
The MEMS microphone can be handled using standard pick-
and-place and chip shooting equipment. Care should be taken
to avoid damage to the MEMS microphone structure as follows:
•
Use a standard pickup tool to handle the microphone.
Because the microphone hole is on the bottom of the
package, the pickup tool can make contact with any part
of the lid surface.
•
Use care during pick-and-place to ensure that no high
shock events above 10 kg are experienced because such
events may cause damage to the microphone.
•
Do not pick up the microphone with a vacuum tool that
makes contact with the bottom side of the microphone.
Do not pull air out of or blow air into the microphone port.
•
Do not use excessive force to place the microphone on
the PCB.
REFLOW SOLDER
For best results, the soldering profile should be in accordance
with the recommendations of the manufacturer of the solder
paste used to attach the MEMS microphone to the PCB. It is
recommended that the solder reflow profile not exceed the limit
conditions specified in Figure 3 and Table 4.
BOARD WASH
When washing the PCB, ensure that water does not make
contact with the microphone port. Blow-off procedures and
ultrasonic cleaning must not be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com