Electronic Components Datasheet Search
  English  ▼

X  

ADM211ARSZ Datasheet(PDF) 2 Page - Analog Devices

Part # ADM211ARSZ
Description  0.1 muF, 5 V Powered CMOS RS-232 Drivers/Receivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM211ARSZ Datasheet(HTML) 2 Page - Analog Devices

  ADM211ARSZ Datasheet HTML 1Page - Analog Devices ADM211ARSZ Datasheet HTML 2Page - Analog Devices ADM211ARSZ Datasheet HTML 3Page - Analog Devices ADM211ARSZ Datasheet HTML 4Page - Analog Devices ADM211ARSZ Datasheet HTML 5Page - Analog Devices ADM211ARSZ Datasheet HTML 6Page - Analog Devices ADM211ARSZ Datasheet HTML 7Page - Analog Devices ADM211ARSZ Datasheet HTML 8Page - Analog Devices ADM211ARSZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ADM206–ADM211/ADM213
Rev. C | Page 2 of 16
TABLE OF CONTENTS
Specifications .................................................................................... 3
Absolute Maximum Ratings ........................................................... 4
ESD Caution.................................................................................. 4
Pin Configurations and Functional Descriptions........................ 5
Typical Performance Characteristics............................................. 9
General Information ...................................................................... 11
Circuit Description .................................................................... 11
Application Hints....................................................................... 12
Outline Dimensions....................................................................... 13
Ordering Guide .......................................................................... 15
REVISION HISTORY
1/05—Data Sheet Changed from Rev. B to Rev. C
Changes to Specifications...............................................................3
Change to Receivers section.........................................................11
Change to Driving Long Cables section.....................................12
Updated Outline Dimensions......................................................13
Changes to Ordering Guide.........................................................15
6/02—Data Sheet Changed from Rev. A to Rev. B
Removed all references to ADM205 ..............................Universal
3/02—Data Sheet Changed from Rev. 0 to Rev. A
Changes to numbers in Min/Typ/Max column of
Specifications page ..........................................................................2
Updated Figures...........................................................................8, 9
Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com