Electronic Components Datasheet Search
  English  ▼

X  

ADP5589ACPZ-00-R7 Datasheet(PDF) 34 Page - Analog Devices

Part # ADP5589ACPZ-00-R7
Description  Keypad Decoder and I/O Expansion
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5589ACPZ-00-R7 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADP5589ACPZ-00-R7 Datasheet HTML 30Page - Analog Devices ADP5589ACPZ-00-R7 Datasheet HTML 31Page - Analog Devices ADP5589ACPZ-00-R7 Datasheet HTML 32Page - Analog Devices ADP5589ACPZ-00-R7 Datasheet HTML 33Page - Analog Devices ADP5589ACPZ-00-R7 Datasheet HTML 34Page - Analog Devices ADP5589ACPZ-00-R7 Datasheet HTML 35Page - Analog Devices ADP5589ACPZ-00-R7 Datasheet HTML 36Page - Analog Devices ADP5589ACPZ-00-R7 Datasheet HTML 37Page - Analog Devices ADP5589ACPZ-00-R7 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 52 page
background image
ADP5589
Data Sheet
Rev. B | Page 34 of 52
0
GPI_1_INT_EN
R/W
0 = GPI_1_INT is disable.
1 = GPI_1_INT enable. Assert the GPI_INT bit (Register 0x01, Bit 1) if GPI_2_INT is set and the GPI
interrupt condition is met.
GPI_INTERRUPT_EN_B Register 0x25
Table 45. GPI_INTERRUPT_EN_B Bit Descriptions
Bits
Name
R/W
Description
7
GPI_16_INT_EN
R/W
0 = GPI_16_INT is disabled.
1 = GPI_16_INT enable. Assert the GPI_INT bit (Register 0x01, Bit 1) if GPI_16_INT is set and the GPI
interrupt condition is met.
6
GPI_15_INT_EN
R/W
0 = GPI_15_INT is disabled.
1 = GPI_15_INT enable. Assert the GPI_INT bit (Register 0x01, Bit 1) if GPI_15_INT is set and the GPI
interrupt condition is met.
5
GPI_14_INT_EN
R/W
0 = GPI_14_INT is disabled.
1 = GPI_14_INT enable. Assert the GPI_INT bit (Register 0x01, Bit 1) if GPI_14_INT is set and the GPI
interrupt condition is met.
4
GPI_13_INT_EN
R/W
0 = GPI_13_INT is disabled.
1 = GPI_13_INT enable. Assert the GPI_INT bit (Register 0x01, Bit 1) if GPI_13_INT is set and the GPI
interrupt condition is met.
3
GPI_12_INT_EN
R/W
0 = GPI_12_INT is disabled.
1 = GPI_12_INT enable. Assert the GPI_INT bit (Register 0x01, Bit 1) if GPI_12_INT is set and the GPI
interrupt condition is met.
2
GPI_11_INT_EN
R/W
0 = GPI_11_INT is disabled.
1 = GPI_11_INT enable. Assert the GPI_INT bit (Register 0x01, Bit 1) if GPI_11_INT is set and the GPI
interrupt condition is met.
1
GPI_10_INT_EN
R/W
0 = GPI_10_INT is disabled.
1 = GPI_10_INT enable. Assert the GPI_INT bit (Register 0x01, Bit 1) if GPI_10_INT is set and the GPI
interrupt condition is met.
0
GPI_9_INT_EN
R/W
0 = GPI_9_INT is disabled.
1 = GPI_9_INT enable. Assert the GPI_INT bit (Register 0x01, Bit 1) if GPI_9_INT is set and the GPI
interrupt condition is met.
GPI_INTERRUPT_EN_C Register 0x26
Table 46. GPI_INTERRUPT_EN_C Bit Descriptions
Bits
Name
R/W
Description
[7: 3]
Reserved.
2
GPI_19_INT_EN
R/W
0 = GPI_19_INT is disabled.
1 = GPI_19_INT enable. Assert the GPI_INT bit (Register 0x01, Bit 1) if GPI_19_INT is set and the GPI
interrupt condition is met.
1
GPI_18_INT_EN
R/W
0 = GPI_18_INT is disabled.
1 = GPI_18_INT enable. Assert the GPI_INT bit (Register 0x01, Bit 1) if GPI_18_INT is set and the GPI
interrupt condition is met.
0
GPI_17_INT_EN
R/W
0 = GPI_17_INT is disabled.
1 = GPI_17_INT enable. Assert the GPI_INT bit (Register 0x01, Bit 1) if GPI_17_INT is set and the GPI
interrupt condition is met.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com