Electronic Components Datasheet Search
  English  ▼

X  

ADP5589ACBZ-00-R7 Datasheet(PDF) 38 Page - Analog Devices

Part # ADP5589ACBZ-00-R7
Description  Keypad Decoder and I/O Expansion
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5589ACBZ-00-R7 Datasheet(HTML) 38 Page - Analog Devices

Back Button ADP5589ACBZ-00-R7 Datasheet HTML 34Page - Analog Devices ADP5589ACBZ-00-R7 Datasheet HTML 35Page - Analog Devices ADP5589ACBZ-00-R7 Datasheet HTML 36Page - Analog Devices ADP5589ACBZ-00-R7 Datasheet HTML 37Page - Analog Devices ADP5589ACBZ-00-R7 Datasheet HTML 38Page - Analog Devices ADP5589ACBZ-00-R7 Datasheet HTML 39Page - Analog Devices ADP5589ACBZ-00-R7 Datasheet HTML 40Page - Analog Devices ADP5589ACBZ-00-R7 Datasheet HTML 41Page - Analog Devices ADP5589ACBZ-00-R7 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 52 page
background image
ADP5589
Data Sheet
Rev. B | Page 38 of 52
GPO_OUT_MODE_C Register 0x2F
Table 55. GPO_OUT_MODE_C Bit Descriptions
Bits
Name
R/W
Description
[7: 3]
Reserved.
2
GPO_19_DIR
R/W
0 = push/pull.
1 = open drain.
1
GPO_18_DIR
R/W
0 = push/pull.
1 = open drain.
0
GPO_17_DIR
R/W
0 = push/pull.
1 = open drain.
GPIO_DIRECTION_A Register 0x30
Table 56. GPIO_DIRECTION_A Bit Descriptions
Bits
Name
R/W
Description
7
GPIO_8_DIR
R/W
0 = GPIO 8 is an input.
1 = GPIO 8 is an output.
6
GPIO_7_DIR
R/W
0 = GPIO 7 is an input.
1 = GPIO 7 is an output.
5
GPIO_6_DIR
R/W
0 = GPIO 6 is an input.
1 = GPIO 6 is an output.
4
GPIO_5_DIR
R/W
0 = GPIO 5 is an input.
1 = GPIO 5 is an output.
3
GPIO_4_DIR
R/W
0 = GPIO 4 is an input.
1 = GPIO 4 is an output.
2
GPIO_3_DIR
R/W
0 = GPIO 3 is an input.
1 = GPIO 3 is an output.
1
GPIO_2_DIR
R/W
0 = GPIO 2 is an input.
1 = GPIO 2 is an output.
0
GPIO_1_DIR
R/W
0 = GPIO 1 is an input.
1 = GPIO 1 is an output.
GPIO_DIRECTION_B Register 0x31
Table 57. GPIO_DIRECTION_B Bit Descriptions
Bits
Name
R/W
Description
7
GPIO_16_DIR
R/W
0 = GPIO 16 is an input.
1 = GPIO 16 is an output.
6
GPIO_15_DIR
R/W
0 = GPIO 15 is an input.
1 = GPIO 15 is an output.
5
GPIO_14_DIR
R/W
0 = GPIO 14 is an input.
1 = GPIO 14 is an output.
4
GPIO_13_DIR
R/W
0 = GPIO 13 is an input.
1 = GPIO 13 is an output.
3
GPIO_12_DIR
R/W
0 = GPIO 12 is an input.
1 = GPIO 12 is an output.
2
GPIO_11_DIR
R/W
0 = GPIO 11 is an input.
1 = GPIO 11 is an output.
1
GPIO_10_DIR
R/W
0 = GPIO 10 is an input.
1 = GPIO 10 is an output.
0
GPIO_9_DIR
R/W
0 = GPIO 9 is an input.
1 = GPIO 9 is an output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52