Electronic Components Datasheet Search
  English  ▼

X  

SCRH125 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SCRH125
Description  SMD POWER INDUCTORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SCRH125 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SCRH125 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SCRH125
500 Bayview Avenue, Inwood, NY 11096
Toll Free 866-239-5777 • Tel 516-239-5777 • Fax 516-239-7208
www.signaltransformer.com
Sales@signaltransformer.com • techhelp@signaltransformer.com
130
Click here for
QUANTITY PER REEL & PACKING INFORMATION
SMD POWER INDUCTORS
● Features
1. Magnetically shielded construction
2 Excellent Power Density
3 Engineered to Provide High Efficiency
CHARACTERISTICS
Part Number
Inductance
(uH)
(1)
Test
Frequency
DC Resistance
(
Ω MAX)
(2)
Saturation
Current
(A)
Temperature
Current
(A)
SCRH125-100
10
1KHZ
25m
4.00
5.50
SCRH125-120
12
1KHZ
27m
3.50
5.22
SCRH125-150
15
1KHZ
30m
3.30
4.69
SCRH125-180
18
1KHZ
34m
3.00
4.22
SCRH125-220
22
1KHZ
36m
2.80
4.00
SCRH125-270
27
1KHZ
51m
2.30
3.24
SCRH125-330
33
1KHZ
57m
2.10
3.07
SCRH125-390
39
1KHZ
68m
2.00
2.76
SCRH125-470
47
1KHZ
75m
1.80
2.48
SCRH125-560
56
1KHZ
0.11
1.70
2.23
SCRH125-680
68
1KHZ
0.12
1.50
2.00
SCRH125-820
82
1KHZ
0.14
1.40
1.80
SCRH125-101
100
1KHZ
0.16
1.30
1.70
SCRH125-121
120
1KHZ
0.22
1.10
1.60
SCRH125-151
150
1KHZ
0.25
1.00
1.52
SCRH125-181
180
1KHZ
0.32
0.90
1.44
SCRH125-221
220
1KHZ
0.40
0.80
1.29
SCRH125-271
270
1KHZ
0.46
0.75
1.16
SCRH125-331
330
1KHZ
0.51
0.68
1.04
SCRH125-391
390
1KHZ
0.69
0.65
0.93
SCRH125-471
470
1KHZ
0.77
0.58
0.83
SCRH125-561
560
1KHZ
0.93
0.54
0.74
SCRH125-681
680
1KHZ
1.20
0.48
0.66
SCRH125-821
820
1KHZ
1.45
0.43
0.59
SCRH125-102
1000
1KHZ
1.53
0.40
0.53
(1). Inductance tolerance
±20% tested at 0.25V, 0ADC and 25℃
(2). DCR measured at 25
℃.
(3). The DC current at which the inductance decreases by 25% from its initial value.
(4). The DC current that results in a 40
℃ temperature rise from 25℃ambient.
(3)
(4)
XXX
MARKING
1
10
100
1000
100
1000
10000
10
BCRH125B I nduct ance decrease by current
100000
DC current (mA)
10000
100
820
101
1000 2000 3000 4000
5000 6000 7000
0
8000
BCRH125 Temper at ur e r i se by cur r ent
DC cur r ent ( mA)
80
70
60
50
40
30
20
10
9000
100
820
101
SCRH125 Inductance decrease by current
DC current (mA)
DC current (mA)
SCRH125 Temperature rise by current
Custom versions available upon request.
©2011 Signal Transformer –Specification subject to change without notice. 07.11


Similar Part No. - SCRH125

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SCRH125 BEL-SCRH125 Datasheet
792Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH125-100 BEL-SCRH125-100 Datasheet
792Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH125-101 BEL-SCRH125-101 Datasheet
792Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH125-102 BEL-SCRH125-102 Datasheet
792Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH125-120 BEL-SCRH125-120 Datasheet
792Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
More results

Similar Description - SCRH125

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
SMD POWER INDUCTORS
logo
Bourns Electronic Solut...
SDR1305 BOURNS-SDR1305 Datasheet
207Kb / 2P
SMD Power Inductors
logo
Superworld Electronics
PDB1011 SUPERWORLD-PDB1011 Datasheet
496Kb / 6P
SMD POWER INDUCTORS
SPC5010FT SUPERWORLD-SPC5010FT Datasheet
227Kb / 5P
SMD POWER INDUCTORS
SPC5020FT SUPERWORLD-SPC5020FT Datasheet
227Kb / 5P
SMD POWER INDUCTORS
SPH4018FT SUPERWORLD-SPH4018FT Datasheet
236Kb / 5P
SMD POWER INDUCTORS
SPI4015 SUPERWORLD-SPI4015 Datasheet
231Kb / 5P
SMD POWER INDUCTORS
SPI4018 SUPERWORLD-SPI4018 Datasheet
231Kb / 5P
SMD POWER INDUCTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com