Electronic Components Datasheet Search
  English  ▼

X  

ADR550BKS-R2 Datasheet(PDF) 14 Page - Analog Devices

Part # ADR550BKS-R2
Description  High Precision Shunt Mode Voltage References
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR550BKS-R2 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADR550BKS-R2 Datasheet HTML 8Page - Analog Devices ADR550BKS-R2 Datasheet HTML 9Page - Analog Devices ADR550BKS-R2 Datasheet HTML 10Page - Analog Devices ADR550BKS-R2 Datasheet HTML 11Page - Analog Devices ADR550BKS-R2 Datasheet HTML 12Page - Analog Devices ADR550BKS-R2 Datasheet HTML 13Page - Analog Devices ADR550BKS-R2 Datasheet HTML 14Page - Analog Devices ADR550BKS-R2 Datasheet HTML 15Page - Analog Devices ADR550BKS-R2 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
ADR520/ADR525/ADR530/ADR540/ADR550
Rev. E | Page 14 of 1
6
ORDERING GUIDE
Model
Output
Voltage (V)
Initial
Accuracy
(mV)
Tempco
Industrial
(ppm/°C)
Package
Description
Package
Option
Branding
Number
of Parts
per Reel
Temperature
Range
ADR520ART-R2
2.048
8
70
3-Lead SOT-23-3
RT-3
RQA
250
−40°C to +85°C
ADR520ART-REEL7
2.048
8
70
3-Lead SOT-23-3
RT-3
RQA
3,000
−40°C to +85°C
ADR520ARTZ-REEL71
2.048
8
70
3-Lead SOT-23-3
RT-3
R1S
3,000
−40°C to +85°C
ADR520BKS-R2
2.048
4
40
3-Lead SC70
KS-3
RQB
250
−40°C to +85°C
ADR520BKS-REEL7
2.048
4
40
3-Lead SC70
KS-3
RQB
3,000
−40°C to +85°C
ADR520BKSZ-REEL71
2.048
4
40
3-Lead SC70
KS-3
R1T
3,000
−40°C to +85°C
ADR520BRT-R2
2.048
4
40
3-Lead SOT-23-3
RT-3
RQB
250
−40°C to +85°C
ADR520BRT-REEL7
2.048
4
40
3-Lead SOT-23-3
RT-3
RQB
3,000
−40°C to +85°C
ADR520BRTZ-REEL71
2.048
4
40
3-Lead SOT-23-3
RT-3
R1T
3,000
−40°C to +85°C
ADR525ART-R2
2.5
10
70
3-Lead SOT-23-3
RT-3
RRA
250
−40°C to +85°C
ADR525ART-REEL7
2.5
10
70
3-Lead SOT-23-3
RT-3
RRA
3,000
−40°C to +85°C
ADR525ARTZ-R21
2.5
10
70
3-Lead SOT-23-3
RT-3
R1W
250
−40°C to +85°C
ADR525ARTZ-REEL71
2.5
10
70
3-Lead SOT-23-3
RT-3
R1W
3,000
−40°C to +85°C
ADR525BKS-R2
2.5
5
40
3-Lead SC70
KS-3
RRB
250
−40°C to +85°C
ADR525BKS-REEL7
2.5
5
40
3-Lead SC70
KS-3
RRB
3,000
−40°C to +85°C
ADR525BKSZ-REEL71
2.5
5
40
3-Lead SC70
KS-3
R1N
3,000
−40°C to +85°C
ADR525BRT-R2
2.5
5
40
3-Lead SOT-23-3
RT-3
RRB
250
−40°C to +85°C
ADR525BRT-REEL7
2.5
5
40
3-Lead SOT-23-3
RT-3
RRB
3,000
−40°C to +85°C
ADR525BRTZ-REEL71
2.5
5
40
3-Lead SOT-23-3
RT-3
R1N
3,000
−40°C to +85°C
ADR530ART-R2
3.0
12
70
3-Lead SOT-23-3
RT-3
RSA
250
−40°C to +85°C
ADR530ART-REEL7
3.0
12
70
3-Lead SOT-23-3
RT-3
RSA
3,000
−40°C to +85°C
ADR530ARTZ-REEL71
3.0
12
70
3-Lead SOT-23-3
RT-3
R1X
3,000
−40°C to +85°C
ADR530BKS-R2
3.0
6
40
3-Lead SC70
KS-3
RSB
250
−40°C to +85°C
ADR530BKS-REEL7
3.0
6
40
3-Lead SC70
KS-3
RSB
3,000
−40°C to +85°C
ADR530BKSZ-REEL71
3.0
6
40
3-Lead SC70
KS-3
R1Y
3,000
−40°C to +85°C
ADR530BRT-R2
3.0
6
40
3-Lead SOT-23-3
RT-3
RSB
250
−40°C to +85°C
ADR530BRT-REEL7
3.0
6
40
3-Lead SOT-23-3
RT-3
RSB
3,000
−40°C to +85°C
ADR530BRTZ-REEL71
3.0
6
40
3-Lead SOT-23-3
RT-3
R1Y
3,000
−40°C to +85°C
ADR540ART-R2
4.096
16
70
3-Lead SOT-23-3
RT-3
RTA
250
−40°C to +85°C
ADR540ART-REEL7
4.096
16
70
3-Lead SOT-23-3
RT-3
RTA
3,000
−40°C to +85°C
ADR540ARTZ-REEL71
4.096
16
70
3-Lead SOT-23-3
RT-3
R1U
3,000
−40°C to +85°C
ADR540BKS-R2
4.096
8
40
3-Lead SC70
KS-3
RTB
250
−40°C to +85°C
ADR540BKS-REEL7
4.096
8
40
3-Lead SC70
KS-3
RTB
3,000
−40°C to +85°C
ADR540BKSZ-REEL71
4.096
8
40
3-Lead SC70
KS-3
R1V
3,000
−40°C to +85°C
ADR540BRT-R2
4.096
8
40
3-Lead SOT-23-3
RT-3
RTB
250
−40°C to +85°C
ADR540BRT-REEL7
4.096
8
40
3-Lead SOT-23-3
RT-3
RTB
3,000
−40°C to +85°C
ADR540BRTZ-REEL71
4.096
8
40
3 Lead SOT-23-3
RT-3
R1V
3,000
−40°C to +85°C
ADR550ART-R2
5.0
20
70
3-Lead SOT-23-3
RT-3
RVA
250
−40°C to +85°C
ADR550ART-REEL7
5.0
20
70
3-Lead SOT-23-3
RT-3
RVA
3,000
−40°C to +85°C
ADR550ARTZ-REEL71
5.0
20
70
3-Lead SOT-23-3
RT-3
R1Q
3,000
−40°C to +85°C
ADR550BKS-R2
5.0
10
40
3-Lead SC70
KS-3
RVB
250
−40°C to +85°C
ADR550BKS-REEL7
5.0
10
40
3-Lead SC70
KS-3
RVB
3,000
−40°C to +85°C
ADR550BKSZ-REEL71
5.0
10
40
3-Lead SC70
KS-3
R1P
3,000
−40°C to +85°C
ADR550BRT-R2
5.0
10
40
3-Lead SOT-23-3
RT-3
RVB
250
−40°C to +85°C
ADR550BRT-REEL7
5.0
10
40
3-Lead SOT-23-3
RT-3
RVB
3,000
−40°C to +85°C
ADR550BRTZ-REEL71
5.0
10
40
3-Lead SOT-23-3
RT-3
R1P
3,000
−40°C to +85°C
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com