| Electronic Components Datasheet Search |
|
AMP04EP Datasheet(PDF) 2 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AMP04EP Datasheet(HTML) 2 Page - Analog Devices |
|
2 / 16 page ![]() AMP04–SPECIFICATIONS ELECTRICAL CHARACTERISTICS AMP04E AMP04F Parameter Symbol Conditions Min Typ Max Min Typ Max Unit OFFSET VOLTAGE Input Offset Voltage VIOS 30 150 300 µV –40 °C ≤ TA ≤ +85°C 300 600 µV Input Offset Voltage Drift TCVIOS 36 µV/°C Output Offset Voltage VOOS 0.5 1.5 3 mV –40 °C ≤ TA ≤ +85°C3 6 mV Output Offset Voltage Drift TCVOOS 30 50 µV/°C INPUT CURRENT Input Bias Current IB 22 30 40 nA –40 °C ≤ TA ≤ +85°C50 60 nA Input Bias Current Drift TCIB 65 65 pA/ °C Input Offset Current IOS 15 10 nA –40 °C ≤ TA ≤ +85°C10 15 nA Input Offset Current Drift TCIOS 8 8 pA/ °C INPUT Common-Mode Input Resistance 4 4 G Ω Differential Input Resistance 4 4 G Ω Input Voltage Range VIN 0 3.0 0 3.0 V Common-Mode Rejection CMR 0 V ≤ VCM ≤ 3.0 V G = 1 60 80 55 dB G = 10 80 100 75 dB G = 100 90 105 80 dB G = 1000 90 105 80 dB Common-Mode Rejection CMR 0 V ≤ VCM ≤ 2.5 V –40 °C ≤ TA ≤ +85°C G = 1 55 50 dB G = 10 75 70 dB G = 100 85 75 dB G = 1000 85 75 dB Power Supply Rejection PSRR 4.0 V ≤ VS ≤ 12 V –40 °C ≤ TA ≤ +85°C G = 1 95 85 dB G = 10 105 95 dB G = 100 105 95 dB G = 1000 105 95 dB GAIN (G = 100 K/RGAIN) Gain Equation Accuracy G = 1 to 100 0.2 0.5 0.75 % G = 1 to 100 –40 °C ≤ TA ≤ +85°C 0.8 1.0 % G = 1000 0.4 0.75 % Gain Range G 1 1000 1 1000 V/V Nonlinearity G = 1, RL = 5 k Ω 0.005 % G = 10, RL = 5 k Ω 0.015 % G = 100, RL = 5 k Ω 0.025 % Gain Temperature Coefficient ∆G/∆T 30 50 ppm/ °C OUTPUT Output Voltage Swing High VOH RL = 2 k Ω 4.0 4.2 4.0 V RL = 2 k Ω –40 °C ≤ TA ≤ +85°C 3.8 3.8 V Output Voltage Swing Low VOL RL = 2 k Ω –40 °C ≤ TA ≤ +85°C 2.0 2.5 mV Output Current Limit Sink 30 30 mA Source 15 15 mA REV. B –2– (VS = 5 V, VCM = 2.5 V, TA = 25 C unless otherwise noted) |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |