Electronic Components Datasheet Search
  English  ▼

X  

ADA4666-2 Datasheet(PDF) 20 Page - Analog Devices

Part # ADA4666-2
Description  18 V, 725 A, 4 MHz CMOS RRIO Operational Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4666-2 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADA4666-2 Datasheet HTML 16Page - Analog Devices ADA4666-2 Datasheet HTML 17Page - Analog Devices ADA4666-2 Datasheet HTML 18Page - Analog Devices ADA4666-2 Datasheet HTML 19Page - Analog Devices ADA4666-2 Datasheet HTML 20Page - Analog Devices ADA4666-2 Datasheet HTML 21Page - Analog Devices ADA4666-2 Datasheet HTML 22Page - Analog Devices ADA4666-2 Datasheet HTML 23Page - Analog Devices ADA4666-2 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
ADA4666-2
Data Sheet
Rev. 0 | Page 20 of 32
Figure 60. 0.1 Hz to 10 Hz Noise
Figure 61. Output Swing vs. Frequency
Figure 62. THD + N vs. Frequency
Figure 63. 0.1 Hz to 10 Hz Noise
Figure 64. Output Swing vs. Frequency
Figure 65. THD + N vs. Frequency
TIME (2s/DIV)
VSY = 3V
VCM = VSY/2
AV = 1
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
10
100
1k
10k
100k
1M
VSY = 3V
VIN = 2.9V
RL = 10kΩ
CL = 10pF
AV = 1
FREQUENCY (Hz)
0.001
0.01
0.1
1
10
100
1k
10k
100k
FREQUENCY (Hz)
80kHz LOW-PASS FILTER
500kHz LOW-PASS FILTER
VSY = 3V
AV = 1
RL = 10kΩ
VIN = 440mV rms
TIME (2s/DIV)
VSY = 18V
VCM = VSY/2
AV = 1
0
2
4
6
8
10
12
14
16
18
20
10
100
1k
10k
100k
1M
VSY = 18V
VIN = 17.9V
RL = 10kΩ
CL = 10pF
AV = 1
FREQUENCY (Hz)
0.0001
0.001
0.01
0.1
1
10
100
1k
10k
100k
FREQUENCY (Hz)
80kHz LOW-PASS FILTER
500kHz LOW-PASS FILTER
VSY = 18V
AV = 1
RL = 10kΩ
VIN = 5.4V rms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com