Electronic Components Datasheet Search
  English  ▼

X  

AS3953 Datasheet(PDF) 16 Page - ams AG

Part # AS3953
Description  14443 High Speed Passive Tag Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3953 Datasheet(HTML) 16 Page - ams AG

Back Button AS3953 Datasheet HTML 12Page - ams AG AS3953 Datasheet HTML 13Page - ams AG AS3953 Datasheet HTML 14Page - ams AG AS3953 Datasheet HTML 15Page - ams AG AS3953 Datasheet HTML 16Page - ams AG AS3953 Datasheet HTML 17Page - ams AG AS3953 Datasheet HTML 18Page - ams AG AS3953 Datasheet HTML 19Page - ams AG AS3953 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
www.ams.com
Revision 1.0
16 - 42
AS3953
Datasheet - D e t a il e d D es c r i pt io n
Word Address Byte.
Both proprietary commands related to EEPROM (Read and Write) use Word Address byte to define the address of EEPROM word that is
accessed. Seven MSB bits of the Address Byte are used to define the address, while the last bit is “don’t care”.
Note:
The valid range for the Word Address byte is from 0000 000xb to 0011 111xb (EEPROM words from 00h to 1Fh).
Read EEPROM.
The
Read EEPROM command is used to read data from the EEPROM. The request information field contains the following three bytes –
- Command code byte (02h)
- Address of the first word to be read
- Number of words to be read
Table below defines coding of
Read EEPROM command information field.
If the request is normally processed, the reply information field contains the status word
90h followed by the data. In case of error, the information
field only contains the error status byte. The following rules apply:

In case the number of words to be read is higher than 8, first eight words are read.

In case the read protected word (its read lock bit is set) is accessed, an all ‘0’ data is sent out.

In case the reading starts at valid address and the number of words to read is such that the reading would be done beyond the EEPROM
addressing space, all ‘0’ data is returned for non-existing addresses.

In case the reading starts at non-existing address, error information field is returned.
Table below defines the coding of the AS3953 reply information field to
Read EEPROM command, if command is normally processed.
Table below defines the coding of the AS3953 reply information field to
Read EEPROM command, in case of an error.
Write EEPROM.
The
Write EEPROM command is used to write one EEPROM word (32 bits). The request information field contains 6 bytes –
- Command code byte (04h)
- Address of the word to be written
- Four bytes (32 bits) of data to be written
Table below defines coding of
Write EEPROM command information field.
The AS3953 reply contains one byte informing whether the writing of EEPROM was executed or whether there was an error. Prior to actual
programming of data in EEPROM, the control logic checks whether there is enough power available. This is done by performing so called power
check during which a dummy EEPROM programming is started. If the power check fails, EEPROM programming is not performed and an error
code is sent. The EEPROM programming is a time consuming operation. Therefore, if the EEPROM programming is executed, the AS3953 reply
comes after 8ms typical. Table below defines the coding of the AS3953 reply to
Write EEPROM command.
02h
Address of first word to be read Number of words (
≤ 8) to be read
1byte
1byte
1byte
90h
Data
1byte
4 to 32 bytes
Information Field
Comment
61h
Error (no diagnostic)
04h
Address of word to be written
Data
1 byte
1 byte
4 bytes
Information Field
Comment
90h
Writing is normally processed
61h
Writing is not done due to coding error
(error in parity, CRC, nonexistent address…)
62h
Writing is not done since the word is locked
64h
Writing is not done due to power check fail



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com