Electronic Components Datasheet Search
  English  ▼

X  

2SA1418 Datasheet(PDF) 1 Page - ON Semiconductor

Part # 2SA1418
Description  High-Voltage Switching Preriver Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SA1418 Datasheet(HTML) 1 Page - ON Semiconductor

  2SA1418 Datasheet HTML 1Page - ON Semiconductor 2SA1418 Datasheet HTML 2Page - ON Semiconductor 2SA1418 Datasheet HTML 3Page - ON Semiconductor 2SA1418 Datasheet HTML 4Page - ON Semiconductor 2SA1418 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SA1418 / 2SC3648
Rev.0 I Page 1 of 5 I www.onsemi.com
Applications
•
Color TV audio output, inverter.
Features
•
Adoption of FBET, MBIT processes.
•
High breakdown voltage and large current capacity.
•
Fast switching speed.
•
Ultrasmall size making it easy to provide high-density, small-sized hybrid IC’s.
Specifications ( ) : 2SA1418
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
(--)180
V
Collector-to-Emitter Voltage
VCEO
(--)160
V
Emitter-to-Base Voltage
VEBO
(--)6
V
Collector Current
IC
(--)0.7
A
Collector Current (Pulse)
ICP
(--)1.5
A
Collector Dissipation
PC
500
mW
Mounted on a ceramic board (250mm2
✕0.8mm)
1.3
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Marking 2SA1418 : AD
2SC3648 : CD
Ordering number : EN1788B
2SA1418 / 2SC3648
PNP / NPN Epitaxial Planar Silicon Transistors
High-Voltage Switching,
Preriver Applications
© 2011, SCILLC. All rights reserved.
Jan-2011, Rev. 0
www.onsemi.com
Publication Order Number:
2SA1418_2SC3648/D


Similar Part No. - 2SA1418

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1418 SANYO-2SA1418 Datasheet
113Kb / 4P
High-Voltage Switching, Predriver Applications
logo
Guangdong Kexin Industr...
2SA1418 KEXIN-2SA1418 Datasheet
497Kb / 3P
High-Voltage Switching Applications
logo
Sanyo Semicon Device
2SA1418 SANYO-2SA1418 Datasheet
102Kb / 5P
High-Voltage Switching, Preriver Applications
2SA1418 SANYO-2SA1418 Datasheet
452Kb / 7P
High-Voltage Switching, Preriver Applications
logo
ON Semiconductor
2SA1418 ONSEMI-2SA1418 Datasheet
134Kb / 5P
High-Voltage Switching, Preriver Applications
Jan-2011, Rev. 0
More results

Similar Description - 2SA1418

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS403 TOSHIBA-1SS403_07 Datasheet
179Kb / 4P
High Voltage Switching Applications
2SA1972 TOSHIBA-2SA1972_07 Datasheet
150Kb / 4P
High-Voltage Switching Applications
logo
Guangdong Kexin Industr...
2SA1419 KEXIN-2SA1419 Datasheet
511Kb / 3P
High-Voltage Switching Applications
2SA1415 KEXIN-2SA1415 Datasheet
412Kb / 3P
High-Voltage Switching Applications
2SA1416 KEXIN-2SA1416 Datasheet
509Kb / 3P
High-Voltage Switching Applications
2SC4135 KEXIN-2SC4135 Datasheet
45Kb / 2P
High-Voltage Switching Applications
logo
Sanyo Semicon Device
2SA1418 SANYO-2SA1418_10 Datasheet
102Kb / 5P
High-Voltage Switching, Preriver Applications
2SA1418 SANYO-2SA1418_12 Datasheet
452Kb / 7P
High-Voltage Switching, Preriver Applications
logo
ON Semiconductor
2SC3648S ONSEMI-2SC3648S Datasheet
134Kb / 5P
High-Voltage Switching, Preriver Applications
Jan-2011, Rev. 0
2SC3648T ONSEMI-2SC3648T Datasheet
134Kb / 5P
High-Voltage Switching, Preriver Applications
Jan-2011, Rev. 0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com