Electronic Components Datasheet Search
  English  ▼

X  

2SC4093 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 2SC4093
Description  NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC4093 Datasheet(HTML) 5 Page - Renesas Technology Corp

  2SC4093 Datasheet HTML 1Page - Renesas Technology Corp 2SC4093 Datasheet HTML 2Page - Renesas Technology Corp 2SC4093 Datasheet HTML 3Page - Renesas Technology Corp 2SC4093 Datasheet HTML 4Page - Renesas Technology Corp 2SC4093 Datasheet HTML 5Page - Renesas Technology Corp 2SC4093 Datasheet HTML 6Page - Renesas Technology Corp 2SC4093 Datasheet HTML 7Page - Renesas Technology Corp 2SC4093 Datasheet HTML 8Page - Renesas Technology Corp 2SC4093 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TYPICAL CHARACTERISTICS (TA = +25
°C, unless otherwise specified)
Collector Current IC (mA)
COLLECTOR CURRENT
DC CURRENT GAIN vs.
Collector Current IC (mA)
vs. COLLECTOR CURRENT
GAIN BANDWIDTH PRODUCT
Ambient Temperature TA (˚C)
TOTAL POWER DISSIPATION
vs. AMBIENT TEMPERATURE
Collector to Base Voltage VCB (V)
vs. COLLECTOR TO BASE VOLTAGE
REVERSE TRANSFER CAPACITANCE
200
100
0
50
100
150
Free Air
0.1
0.5
0.2
1
2
12
5
10
20
f = 1.0 GHz
10
20
50
100
200
1
5
10
50
0.5
VCE = 10 V
5
1
0.6
2
10
20
12
5
10
20
40
VCE = 10 V
Frequency f (GHz)
MAXIMUM GAIN/INSERTION
POWER GAIN vs. FREQUENCY
Collector Current IC (mA)
INSERTION POWER GAIN
vs. COLLECTOR CURRENT
0
10
20
30
0.1
0.2
0.5
1.0
2.0
VCE = 10 V
IC = 20 mA
|S21e|2
Gmax
0
10
20
1
0.5
2
5
10
20
50
VCE = 10 V
f = 1.0 GHz
Remark The graphs indicate nominal characteristics.
Data Sheet PU10519EJ01V0DS
3
2SC4093



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com