Electronic Components Datasheet Search
  English  ▼

X  

2SC4228 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 2SC4228
Description  NPN EPITAXIAL SILICON RF TRANSISTOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC4228 Datasheet(HTML) 5 Page - Renesas Technology Corp

  2SC4228 Datasheet HTML 1Page - Renesas Technology Corp 2SC4228 Datasheet HTML 2Page - Renesas Technology Corp 2SC4228 Datasheet HTML 3Page - Renesas Technology Corp 2SC4228 Datasheet HTML 4Page - Renesas Technology Corp 2SC4228 Datasheet HTML 5Page - Renesas Technology Corp 2SC4228 Datasheet HTML 6Page - Renesas Technology Corp 2SC4228 Datasheet HTML 7Page - Renesas Technology Corp 2SC4228 Datasheet HTML 8Page - Renesas Technology Corp 2SC4228 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Data Sheet PU10452EJ01V0DS
3
2SC4228
TYPICAL CHARACTERISTICS (TA = +25
°C, unless otherwise specified)
Collector to Emitter Voltage VCE (V)
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
25
10
5
15
20
0
0.5
1
40 A
µ
60 A
µ
80 A
µ
100 A
µ
120 A
µ
140
A
µ
160
A
µ
IB = 20 A
µ
VCE = 3 V
200
50
100
10
20
15
10
0.5
50
Collector Current IC (mA)
COLLECTOR CURRENT
DC CURRENT GAIN vs.
VCE = 3 V
f = 2 GHz
Collector Current IC (mA)
vs. COLLECTOR CURRENT
GAIN BANDWIDTH PRODUCT
10
8
6
4
2
0
510
0.5
1
50
250
200
150
100
50
0
25
50
75
100
125
150
Ambient Temperature TA (˚C)
TOTAL POWER DISSIPATION
vs. AMBIENT TEMPERATURE
Free Air
Collector to Base Voltage VCB (V)
vs. COLLECTOR TO BASE VOLTAGE
REVERSE TRANSFER CAPACITANCE
5
0.2
0.5
1
2
0.1
2
1
5
10
20
50
f = 1 MHz
VCE = 3 V
20
10
0
0.5
1
Base to Emitter Voltage VBE (V)
COLLECTOR CURRENT vs.
BASE TO EMITTER VOLTAGE
Remark The graphs indicate nominal characteristics.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com