Electronic Components Datasheet Search
  English  ▼

X  

2SC5338 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 2SC5338
Description  NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW DISTORTION AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5338 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button 2SC5338 Datasheet HTML 2Page - Renesas Technology Corp 2SC5338 Datasheet HTML 3Page - Renesas Technology Corp 2SC5338 Datasheet HTML 4Page - Renesas Technology Corp 2SC5338 Datasheet HTML 5Page - Renesas Technology Corp 2SC5338 Datasheet HTML 6Page - Renesas Technology Corp 2SC5338 Datasheet HTML 7Page - Renesas Technology Corp 2SC5338 Datasheet HTML 8Page - Renesas Technology Corp 2SC5338 Datasheet HTML 9Page - Renesas Technology Corp 2SC5338 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Data Sheet P10940EJ2V0DS
4
2SC5338
7
6
5
4
3
2
1
0
1
3
5
10
20
50
100
Collector Current IC (mA)
NOISE FIGURE vs.
COLLECTOR CURRENT
VCE = 5 V
f = 1 GHz
–70
–40
–50
–60
10
20
50
100
200
Collector Current IC (mA)
IM2 vs. COLLECTOR CURRENT
Vin = 105 dB V/75
Ω
f = 190 – 90 MHz
µ
VCE = 10 V
5 V
–80
–90
–70
–60
–50
10
20
50
100
200
Collector Current IC (mA)
IM3 vs. COLLECTOR CURRENT
Vin = 105 dB V/75
Ω
f = 2
× 190 – 200 MHz
µ
VCE = 10 V
5 V
Remark The graphs indicate nominal characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com