Electronic Components Datasheet Search
  English  ▼

X  

2SC5454 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # 2SC5454
Description  NPN EPITAXIAL SILICON TRANSISTOR 4-PIN MINI MOLD
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5454 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button 2SC5454 Datasheet HTML 3Page - Renesas Technology Corp 2SC5454 Datasheet HTML 4Page - Renesas Technology Corp 2SC5454 Datasheet HTML 5Page - Renesas Technology Corp 2SC5454 Datasheet HTML 6Page - Renesas Technology Corp 2SC5454 Datasheet HTML 7Page - Renesas Technology Corp 2SC5454 Datasheet HTML 8Page - Renesas Technology Corp 2SC5454 Datasheet HTML 9Page - Renesas Technology Corp 2SC5454 Datasheet HTML 10Page - Renesas Technology Corp 2SC5454 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
2SC5454
5
Preliminary Data Sheet
2SC5454
S PARAMETER
VCE = 3 V, IC = 5 mA, Z0 = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.829
–19.2
14.261
164.7
0.015
78.1
0.972
–11.1
200.00
0.783
–37.0
13.252
150.7
0.029
69.1
0.913
–21.6
300.00
0.727
–54.1
12.245
139.2
0.040
59.1
0.843
–30.2
400.00
0.666
–68.7
10.804
129.3
0.048
52.8
0.764
–37.5
500.00
0.606
–82.9
9.964
118.9
0.053
49.2
0.699
–42.6
600.00
0.556
–95.8
9.028
111.1
0.057
44.9
0.645
–47.3
700.00
0.517
–106.6
8.120
104.1
0.061
42.4
0.591
–51.3
800.00
0.486
–117.5
7.393
98.0
0.063
40.0
0.557
–54.4
900.00
0.462
–126.8
6.709
92.5
0.065
39.3
0.518
–57.9
1000.00
0.446
–135.6
6.178
87.4
0.067
38.3
0.491
–60.3
1100.00
0.433
–143.5
5.702
82.9
0.069
38.2
0.470
–63.3
1200.00
0.426
–151.0
5.280
78.5
0.071
37.7
0.450
–65.9
1300.00
0.422
–157.9
4.919
74.6
0.072
38.3
0.433
–69.2
1400.00
0.420
–164.1
4.610
70.6
0.073
37.5
0.420
–71.6
1500.00
0.422
–170.2
4.331
67.0
0.075
37.7
0.408
–75.3
1600.00
0.424
–175.5
4.070
63.3
0.077
39.3
0.400
–78.3
1700.00
0.429
179.4
3.856
59.7
0.078
39.0
0.393
–81.8
1800.00
0.434
174.8
3.661
56.5
0.082
40.2
0.389
–84.7
1900.00
0.441
170.2
3.481
53.1
0.083
40.5
0.378
–89.2
2000.00
0.448
166.4
3.306
50.0
0.086
41.9
0.378
–91.4
2100.00
0.456
162.2
3.150
46.6
0.088
41.7
0.372
–96.5
2200.00
0.465
158.7
3.013
43.5
0.090
42.7
0.378
–98.3
2300.00
0.470
155.1
2.857
40.2
0.093
43.1
0.370
–104.0
2400.00
0.482
151.7
2.758
37.3
0.097
44.1
0.380
–105.1
2500.00
0.484
148.8
2.637
34.8
0.100
45.1
0.378
–110.7
2600.00
0.495
145.8
2.526
31.7
0.105
44.9
0.389
–112.3
2700.00
0.503
143.4
2.456
28.6
0.109
45.7
0.394
–117.8
2800.00
0.512
140.4
2.347
25.9
0.113
45.7
0.403
–120.2
2900.00
0.522
138.0
2.261
22.7
0.119
45.6
0.413
–125.1
3000.00
0.528
135.3
2.171
20.3
0.123
45.0
0.418
–128.1
VCE = 3 V, IC = 10 mA, Z0 = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.706
–27.6
23.264
159.2
0.014
75.1
0.940
–15.8
200.00
0.636
–52.0
20.474
141.9
0.026
64.8
0.837
–29.1
300.00
0.561
–73.4
17.706
128.5
0.033
57.4
0.724
–38.7
400.00
0.503
–90.1
14.932
118.5
0.039
52.2
0.628
–45.8
500.00
0.457
–105.7
12.978
109.0
0.042
50.5
0.557
–49.8
600.00
0.423
–119.0
11.348
102.1
0.046
49.0
0.503
–53.5
700.00
0.401
–130.0
9.988
96.1
0.049
48.7
0.457
–56.6
800.00
0.386
–140.1
8.935
90.8
0.052
48.1
0.424
–59.5
900.00
0.377
–148.8
8.023
86.3
0.055
48.0
0.394
–61.9
1000.00
0.373
–156.7
7.305
82.0
0.057
48.8
0.374
–64.3
1100.00
0.370
–163.6
6.687
78.2
0.061
48.6
0.355
–67.5
1200.00
0.371
–170.1
6.157
74.4
0.065
48.9
0.342
–69.5
1300.00
0.375
–175.8
5.720
70.9
0.068
49.7
0.326
–73.0
1400.00
0.378
178.9
5.332
67.6
0.071
50.0
0.320
–75.5
1500.00
0.384
174.1
4.997
64.4
0.074
50.5
0.309
–79.4
1600.00
0.389
169.7
4.693
61.1
0.078
50.2
0.307
–82.4
1700.00
0.397
165.8
4.450
58.0
0.081
50.4
0.298
–86.4
1800.00
0.403
162.1
4.192
55.0
0.084
50.5
0.296
–89.1
1900.00
0.413
158.6
3.978
51.8
0.089
49.8
0.289
–94.6
2000.00
0.420
155.7
3.791
49.0
0.092
49.7
0.293
–96.8
2100.00
0.431
152.1
3.590
46.1
0.096
49.8
0.286
–102.4
2200.00
0.441
149.5
3.450
43.2
0.100
49.5
0.292
–104.1
2300.00
0.447
146.4
3.276
40.3
0.103
49.3
0.289
–111.0
2400.00
0.461
143.8
3.139
37.8
0.107
48.9
0.296
–111.1
2500.00
0.462
141.3
3.011
35.5
0.111
49.2
0.293
–117.1
2600.00
0.475
138.7
2.882
32.7
0.117
48.7
0.307
–118.2
2700.00
0.484
136.9
2.803
29.9
0.122
48.2
0.315
–124.0
2800.00
0.494
134.2
2.689
27.4
0.127
47.3
0.323
–126.8
2900.00
0.504
132.3
2.588
24.5
0.132
46.8
0.334
–131.5
3000.00
0.511
129.7
2.493
22.3
0.136
46.1
0.341
–134.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com