Electronic Components Datasheet Search
  English  ▼

X  

TC4431 Datasheet(PDF) 4 Page - Microchip Technology

Part # TC4431
Description  1.5A High-Speed 30V MOSFET Drivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4431 Datasheet(HTML) 4 Page - Microchip Technology

  TC4431 Datasheet HTML 1Page - Microchip Technology TC4431 Datasheet HTML 2Page - Microchip Technology TC4431 Datasheet HTML 3Page - Microchip Technology TC4431 Datasheet HTML 4Page - Microchip Technology TC4431 Datasheet HTML 5Page - Microchip Technology TC4431 Datasheet HTML 6Page - Microchip Technology TC4431 Datasheet HTML 7Page - Microchip Technology TC4431 Datasheet HTML 8Page - Microchip Technology TC4431 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
TC4431/TC4432
DS21424D-page 4
© 2007 Microchip Technology Inc.
DC CHARACTERISTICS
TEMPERATURE CHARACTERISTICS
Electrical Specifications: Unless otherwise noted, Over operating temperature range with 4.5V
≤ V
DD ≤ 30V.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Input
Logic ‘1’, High Input Voltage
VIH
2.4
—
—
V
Logic ‘0’, Low Input Voltage
VIL
——
0.8
V
Input Current (Note 1)IIN
-10
—
10
µA
0V
≤ V
IN ≤ 12V
Output
High Output Voltage
VOH
VDD – 1.2
—
—
V
IOUT = 100 mA
Low Output Voltage
VOL
—
—
0.025
V
Output Resistance
RO
——
12
Ω
IOUT = 10 mA, VDD = 30V
Switching Time (Note 2)
Rise Time
tR
—
—
60
ns
Figure 4-1
Fall Time
tF
—
—
70
ns
Figure 4-1
Delay Time
tD1
——
100
ns
Figure 4-1
Delay Time
tD2
——
110
ns
Figure 4-1
Power Supply
Power Supply Current
IS
—
—
—
—
6
0.7
mA
VIN = 3V
VIN = 0V
Start-up Threshold
VS
—8.4
10
V
Drop-out Threshold
VDO
77.7
—
V
Note 3
Note 1:
For inputs >12V, add a 1 k
Ω resistor in series with the input. See Section 2.0 “Typical Performance
Curves” for input current graph.
2:
Switching times are ensured by design.
3:
For operation below 7V, pin 3 (LOCK DIS) should be tied to ground to disable the lockout and start-up cir-
cuit, otherwise, pin 3 must be left floating.
Electrical Specifications: Unless otherwise noted, all parameters apply with 4.5V
≤ V
DD ≤ 30V.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Specified Temperature Range (C)
TA
0—
+70
ºC
Specified Temperature Range (E)
TA
-40
—
+85
ºC
Specified Temperature Range (V)
TA
-40
—
+125
ºC
Maximum Junction Temperature
TJ
——
+150
ºC
Storage Temperature Range
TA
-65
—
+150
ºC
Package Thermal Resistances:
Thermal Resistance, 8L-SOIC
θ
JA
—155
—
ºC/W
Thermal Resistance, 8L-PDIP
θ
JA
—125
—
ºC/W
Thermal Resistance, 8L-CERDIP
θ
JA
—150
—
ºC/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com