Electronic Components Datasheet Search
  English  ▼

X  

AM1705DPTP3 Datasheet(PDF) 71 Page - Texas Instruments

Click here to check the latest version.
Part # AM1705DPTP3
Description  AM1705 ARM Microprocessor
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM1705DPTP3 Datasheet(HTML) 71 Page - Texas Instruments

Back Button AM1705DPTP3 Datasheet HTML 67Page - Texas Instruments AM1705DPTP3 Datasheet HTML 68Page - Texas Instruments AM1705DPTP3 Datasheet HTML 69Page - Texas Instruments AM1705DPTP3 Datasheet HTML 70Page - Texas Instruments AM1705DPTP3 Datasheet HTML 71Page - Texas Instruments AM1705DPTP3 Datasheet HTML 72Page - Texas Instruments AM1705DPTP3 Datasheet HTML 73Page - Texas Instruments AM1705DPTP3 Datasheet HTML 74Page - Texas Instruments AM1705DPTP3 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 164 page
background image
AM1705
www.ti.com
SPRS657D – FEBRUARY 2010 – REVISED MARCH 2013
5.12.4 EMIFB Electrical Data/Timing
Table 5-24. EMIFB SDRAM Interface Timing Requirements
No.
PARAMETER
MIN
MAX
UNIT
19
tsu(DV-CLKH)
Input setup time, read data valid on EMB_D[31:0] before EMB_CLK rising
0.8
ns
20
th(CLKH-DIV)
Input hold time, read data valid on EMB_D[31:0] after EMB_CLK rising
1.5
ns
Table 5-25. EMIFB SDRAM Interface Switching Characteristics
No.
PARAMETER
MIN
MAX
UNIT
1
tc(CLK)
Cycle time, EMIF clock EMB_CLK
6.579
ns
2
tw(CLK)
Pulse width, EMIF clock EMB_CLK high or low
2.63
ns
3
td(CLKH-CSV)
Delay time, EMB_CLK rising to EMB_CS[0] valid
5.1
ns
4
toh(CLKH-CSIV)
Output hold time, EMB_CLK rising to EMB_CS[0] invalid
0.9
ns
5
td(CLKH-DQMV)
Delay time, EMB_CLK rising to EMB_WE_DQM[3:0] valid
5.1
ns
6
toh(CLKH-DQMIV)
Output hold time, EMB_CLK rising to EMB_WE_DQM[3:0] invalid
0.9
ns
7
td(CLKH-AV)
Delay time, EMB_CLK rising to EMB_A[12:0] and EMB_BA[1:0] valid
5.1
ns
8
toh(CLKH-AIV)
Output hold time, EMB_CLK rising to EMB_A[12:0] and EMB_BA[1:0] invalid
0.9
ns
9
td(CLKH-DV)
Delay time, EMB_CLK rising to EMB_D[31:0] valid
5.1
ns
10
toh(CLKH-DIV)
Output hold time, EMB_CLK rising to EMB_D[31:0] invalid
0.9
ns
11
td(CLKH-RASV)
Delay time, EMB_CLK rising to EMB_RAS valid
5.1
ns
12
toh(CLKH-RASIV)
Output hold time, EMB_CLK rising to EMB_RAS invalid
0.9
ns
13
td(CLKH-CASV)
Delay time, EMB_CLK rising to EMB_CAS valid
5.1
ns
14
toh(CLKH-CASIV)
Output hold time, EMB_CLK rising to EMB_CAS invalid
0.9
ns
15
td(CLKH-WEV)
Delay time, EMB_CLK rising to EMB_WE valid
5.1
ns
16
toh(CLKH-WEIV)
Output hold time, EMB_CLK rising to EMB_WE invalid
0.9
ns
17
tdis(CLKH-DHZ)
Delay time, EMB_CLK rising to EMB_D[31:0] 3-stated
5.1
ns
18
tena(CLKH-DLZ)
Output hold time, EMB_CLK rising to EMB_D[31:0] driving
0.9
ns
Copyright © 2010–2013, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
71
Submit Documentation Feedback
Product Folder Links: AM1705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com