Electronic Components Datasheet Search
  English  ▼

X  

2SC5566 Datasheet(PDF) 1 Page - ON Semiconductor

Part # 2SC5566
Description  Bipolar Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SC5566 Datasheet(HTML) 1 Page - ON Semiconductor

  2SC5566 Datasheet HTML 1Page - ON Semiconductor 2SC5566 Datasheet HTML 2Page - ON Semiconductor 2SC5566 Datasheet HTML 3Page - ON Semiconductor 2SC5566 Datasheet HTML 4Page - ON Semiconductor 2SC5566 Datasheet HTML 5Page - ON Semiconductor 2SC5566 Datasheet HTML 6Page - ON Semiconductor 2SC5566 Datasheet HTML 7Page - ON Semiconductor 2SC5566 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
72512 TKIM/62405EA MSIM TB-00001405/52501 TS KT TA-3260 No.6307-1/8
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
September, 2013
2SA2013/2SC5566
Bipolar Transistor
(-)50V, (-)4A, Low VCE(sat), (PNP)NPN Single PCP
Applicaitons
•
Relay drivers, lamp drivers, motor drivers, flash
Features
•
Adoption of FBET and MBIT processes
•
Large current capacity
•
Low collector-to-emitter saturation voltage
•
High-speed switching
•
Ultrasmall package facilitales miniaturization in end products
•
High allowable power dissipation
( )2SA2013
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
(-50)100
V
Collector-to-Emitter Voltage
VCES
(-50)100
V
Collector-to-Emitter Voltage
VCEO
(--)50
V
Emitter-to-Base Voltage
VEBO
(--)6
V
Continued on next page.
Package Dimensions
unit : mm (typ)
7007B-004
Ordering number : EN6307C
Product & Package Information
• Package
: PCP
• JEITA, JEDEC
: SC-62, SOT-89, TO-243
• Minimum Packing Quantity : 1,000 pcs./reel
Packing Type: TD
Marking
Electrical Connection
TD
1 : Base
2 : Collector
3 : Emitter
PCP
1.5
0.5
0.4
3.0
4.5
1.6
0.4
12
3
1.5
0.75
Top View
Bottom View
2SA2013-TD-E
2SC5566-TD-E
2SC5566
2SA2013
2
3
1
2SC5566
2
3
1
2SA2013


Similar Part No. - 2SC5566

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5566 SANYO-2SC5566 Datasheet
50Kb / 5P
DC/DC Converter Applications
2SC5566 SANYO-2SC5566 Datasheet
63Kb / 5P
DC / DC Converter Applications
2SC5566 SANYO-2SC5566 Datasheet
473Kb / 8P
DC / DC Converter Applications
logo
ON Semiconductor
2SC5566-TD-E ONSEMI-2SC5566-TD-E Datasheet
364Kb / 8P
Bipolar Transistor
September, 2013
logo
TECH PUBLIC Electronics...
2SC5566-TP TECHPUBLIC-2SC5566-TP Datasheet
2Mb / 4P
NPN General Purpose Transistor
More results

Similar Description - 2SC5566

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PCP1208 ONSEMI-PCP1208 Datasheet
379Kb / 7P
Bipolar Transistor
May, 2013
EN2007C ONSEMI-EN2007C Datasheet
354Kb / 7P
Bipolar Transistor
August, 2013
EN2511B ONSEMI-EN2511B Datasheet
385Kb / 9P
Bipolar Transistor
September, 2013
EN6078C ONSEMI-EN6078C Datasheet
662Kb / 7P
Bipolar Transistor
September, 2013
EN6912D ONSEMI-EN6912D Datasheet
424Kb / 10P
Bipolar Transistor
September, 2013
EN6913B ONSEMI-EN6913B Datasheet
436Kb / 10P
Bipolar Transistor
September, 2013
EN7198B ONSEMI-EN7198B Datasheet
418Kb / 7P
Bipolar Transistor
August, 2013
EN7221B ONSEMI-EN7221B Datasheet
651Kb / 7P
Bipolar Transistor
September, 2013
2SC6082 ONSEMI-2SC6082 Datasheet
242Kb / 7P
Bipolar Transistor
September, 2013
2SD1620 ONSEMI-2SD1620 Datasheet
290Kb / 6P
Bipolar Transistor
September, 2013
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com