Electronic Components Datasheet Search
  English  ▼

X  

307009 Datasheet(PDF) 2 Page - 3M Electronics

Part # 307009
Description  D Sub
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

307009 Datasheet(HTML) 2 Page - 3M Electronics

  307009 Datasheet HTML 1Page - 3M Electronics 307009 Datasheet HTML 2Page - 3M Electronics 307009 Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3M Interconnect Solutions Division
6801 River Place Blvd.
Austin, TX 78726-9000
For technical, sales or ordering information call
800-225-5373
D Sub
Socket Connector
8300 Series
Contact
Dimensions
Contact
Quantity
A
B
C
D
E
F
± .008
09
1.23 [ 31.2 ]
.64 [ 16.3 ]
.98 [ 24.9 ]
.46 [ 11.7 ]
.67 [ 17.0 ]
.70 [ 17.7 ]
15
1.56 [ 39.6 ]
.97 [ 25.6 ]
1.31 [ 33.3 ]
.76 [ 19.3 ]
.99 [ 25.2 ]
1.03 [ 26.2 ]
25
2.10 [ 53.3 ]
1.51 [ 38.4 ]
1.85 [ 47.0 ]
1.27 [ 32.3 ]
1.54 [ 39.1 ]
1.57 [ 39.9 ]
37
2.74 [ 69.6 ]
2.16 [ 54.9 ]
2.50 [ 63.5 ]
1.87 [ 47.5 ]
2.19 [ 55.6 ]
2.22 [ 56.4 ]
A
09 = 9 Position
15 = 15 Position
25 = 25 Position
37 = 37 Position
Contact
Quantity
Mounting Style:
0 =
.120 [ 3.05 ]
3 = 4-40 UNC
4 =M3
Cover Style:
6 =
Open Cover
7 =
Closed Cover
8 =
Open Cover,
w/o Adhesive,
Preassembled
9 =
Closed Cover,
w/o Adhesive,
Preassembled
1
2
3
4
5
12
11
8
7
14
15
16
17
18
19
25
24
23
22
21
10
° Typ
TS-0235-17
Sheet 2 of 3
Inch
[mm]
± .005
± .1 ± .01
Tolerance Unless Noted
.0
.00
.000
Inch
[ ] Dimensions for
Reference only
.31
[ 8.4 ]
B
C
Position 1
.49
[ 12.4 ]
.11 Ref
[ 2.8 ]
See Page 3
Details
.0545 Typ
[ 1.384 ]
.050 Typ
[ 1.27 ]
Adhesive w/Liner
E
D
Closed End
Cover
Open End
Cover 1
Note: Preassembled closed cover on Pin 1
side of connector.
Preassembled
.51 Ref
[ 1.3 ]
Strain Relief
(Order Separately)
3448-8DXXA
Connector
83XX-X00X
Ordering Information
.384
[ 9.75 ]
.42 Ref
[ 10.6 ]
.25
[ 6.3 ]
.65
[ 16.6 ]
Assembled
Thickness
+.000
–.010
4
F
®
®



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com