Electronic Components Datasheet Search
  English  ▼

X  

3659C34 Datasheet(PDF) 1 Page - 3M Electronics

Part # 3659C34
Description  050, Round, Shielded/Jacketed, Flat Cable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3659C34 Datasheet(HTML) 1 Page - 3M Electronics

  3659C34 Datasheet HTML 1Page - 3M Electronics 3659C34 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3M Interconnect Solutions Division
6801 River Place Blvd.
Austin, TX 78726-9000
For technical, sales or ordering information call
800-225-5373
.050
″ Round, Shielded/Jacketed, Flat Cable
28 AWG Stranded, Mass-Term, PVC/PVC
3659 Series
34
TS-0083-14
Sheet 1 of 2
S Round construction permits easier routing
S 28 AWG wire on .050 inch pitch permits
mass termination to broad line of IDC
connectors
S Continuous split/bond repeat allows for mass
termination on 2.4 inch centers (approximate)
S Primary cable is zippable for branching or
discrete terminations
S Meets external wiring requirements of
National Electrical Code, Article 725 (CL2)
S UL listed for USA and Canadian markets
S Dual shielding provides 35 db average shielding
effectiveness
Date Modified: July 29, 1999
Physical
Jacket
Material: Polyvinyl Chloride (PVC)
Color: Black
Primary Material: PVC
Color: Gray
Marking
Standard: (UL) CL2 75C 28 AWG or AWM 20267
3M NU C
AWM IIA/B 80C 300V FT1
EU <50V
Conductors: 28 AWG 7
× 36 [ 7 × 0.127 ] Tinned Stranded Copper
Shielding: .001 [ 0.03 ] Thick Aluminum/Polyester Film Foil and 90% Coverage Tinned
Copper Braid
Electrical
Voltage Rating: USA: N.E.C. 725, CL2 or AWM; 300V
Canada: 300V
EU: <50V
Insulation Resistance: > 1
× 1010 Ω/10 ft. [ 3m ]
Unbalanced
Balanced
Characteristic Impedance 62
Ω
106
Ω
Capacitance 27.7 pF/ft. [ 90.88 pF/m ] 15.2 pF/ft. [ 49.9 pF/m ]
Inductance .13
µH/ft. [ 0.43 µH/m ] .20 µH/ft. [ 0.66 µH/m ]
Propagation Delay 1.72 ns/ft. [ 5.64 ns/m ] 1.62 ns/ft. [ 5.32 ns/m ]
Velocity of Propagation 59%
62%
Note: Unbalanced is measured between ground-signal-ground conductors with shield grounded. Balanced is measured between signal conductors within a
pair, with the shield floating.
Environmental
Temperature Rating: USA: CL2; 75
°C Max or AWM; –20°C to +80°C
Canada: 80
°C
Flammability Rating: USA: N.E.C. 725, CL2
Canada: FTI
UL File No.: E118773, Power Limited Circuit Cable:
CL2 (or AWM Style 20267)


Similar Part No. - 3659C34

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3659 3M-3659 Datasheet
258Kb / 2P
3M Round, Shielded/Jacketed, Flat Cable
29-Jul-1999
3659 3M-3659 Datasheet
1Mb / 5P
3M Round, Shielded/Jacketed, Flat Cable .050 28 AWG Stranded, Mass Terminatable, PVC/PVC
11-May-2009
logo
Adafruit Industries
3659 ADAFRUIT-3659 Datasheet
178Kb / 2P
Silicone Tubing for Peristaltic Liquid Pump 1 Meter
12-28-17
logo
3M Electronics
3659/09 3M-3659/09 Datasheet
258Kb / 2P
3M Round, Shielded/Jacketed, Flat Cable
29-Jul-1999
3659/09 3M-3659/09 Datasheet
1Mb / 5P
3M Round, Shielded/Jacketed, Flat Cable .050 28 AWG Stranded, Mass Terminatable, PVC/PVC
11-May-2009
More results

Similar Description - 3659C34

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3603 3M-3603 Datasheet
27Kb / 2P
050 Jacketed, Flat Cable
08-Dec-2009
3647B 3M-3647B Datasheet
45Kb / 2P
Round, Shielded/Jacketed, Discrete Wire Cable
29-Jul-1999
3659 3M-3659 Datasheet
258Kb / 2P
3M Round, Shielded/Jacketed, Flat Cable
29-Jul-1999
3709 3M-3709 Datasheet
29Kb / 2P
050 Round Conductor Flat Cable
23-Jun-1999
3600X 3M-3600X Datasheet
1Mb / 5P
3M™ Round, Shielded/Jacketed, Disc. Wire Cable
11-May-2009
logo
Molex Electronics Ltd.
0082285705 MOLEX3-0082285705 Datasheet
312Kb / 4P
1.27mm (.050") Pitch Round Conductor Flat Cable
0082266830 MOLEX3-0082266830 Datasheet
283Kb / 4P
1.27mm (.050") Pitch Round Conductor Flat Cable
0082266843 MOLEX3-0082266843 Datasheet
275Kb / 4P
1.27mm (.050") Pitch Round Conductor Flat Cable
logo
3M Electronics
3659 3M-3659_1 Datasheet
1Mb / 5P
3M Round, Shielded/Jacketed, Flat Cable .050 28 AWG Stranded, Mass Terminatable, PVC/PVC
11-May-2009
HF75930SF 3M-HF75930SF Datasheet
268Kb / 3P
3M Round, Jacketed, Flat Cable
07-Jun-2013
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com