Electronic Components Datasheet Search
  English  ▼

X  

2SD1622 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SD1622
Description  Low-Frequency Power Amplifier Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SD1622 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SD1622 Datasheet HTML 1Page - Sanyo Semicon Device 2SD1622 Datasheet HTML 2Page - Sanyo Semicon Device 2SD1622 Datasheet HTML 3Page - Sanyo Semicon Device 2SD1622 Datasheet HTML 4Page - Sanyo Semicon Device 2SD1622 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SB1122 / 2SD1622
No.2040-2/5
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
DC Current Gain
hFE1VCE=(--)2V, IC=(--)100mA
100*
560*
hFE2VCE=(--)2V, IC=(--)1A
30
Gain-Bandwidth Product
fT
VCE=(--)10V, IC=(--)50mA
150
MHz
Output Capacitance
Cob
VCB=(--)10V, f=1MHz
(12)8.5
pF
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=(--)500mA, IB=(--)50mA
(--180)120 (--500)300
mV
Base-to-Emitter Saturation Voltage
VBE(sat)
IC=(--)500mA, IB=(--)50mA
(--)0.9
(--)1.2
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=(--)10μA, IE=0A
(--)60
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=(--)1mA, RBE=∞
(--)50
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=(--)10μA, IC=0A
(--)5
V
Turn-ON Time
ton
See specified Test Circuit.
(40)40
ns
Storage Time
tstg
See specified Test Circuit.
(300)350
ns
Fall Time
tf
See specified Test Circuit.
(30)30
ns
*: The 2SB1122 / 2SD1622 are classified by 100mA hFE as follows:
Rank
R
S
T
U
hFE
100 to 200
140 to 280
200 to 400
280 to 560
Package Dimensions
Switching Time Test Circuit
unit : mm (typ)
7007B-004
VR
RB
25V
--5V
+
+
50Ω
INPUT
OUTPUT
RL
50Ω
100μF
470μF
PW=20μs
IC=10IB1= --10IB2=500mA
(For PNP, the polarity is reversed)
IB1
D.C.≤1%
IB2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com