Electronic Components Datasheet Search
  English  ▼

X  

LP2981-N Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LP2981-N
Description  Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2981-N Datasheet(HTML) 2 Page - Texas Instruments

  LP2981-N Datasheet HTML 1Page - Texas Instruments LP2981-N Datasheet HTML 2Page - Texas Instruments LP2981-N Datasheet HTML 3Page - Texas Instruments LP2981-N Datasheet HTML 4Page - Texas Instruments LP2981-N Datasheet HTML 5Page - Texas Instruments LP2981-N Datasheet HTML 6Page - Texas Instruments LP2981-N Datasheet HTML 7Page - Texas Instruments LP2981-N Datasheet HTML 8Page - Texas Instruments LP2981-N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LP2981-N
SNOS773K – MARCH 2000 – REVISED APRIL 2013
www.ti.com
Connection Diagram
Figure 1. 5-Lead Small Outline Package (SOT-23)
Top View
See Package Number DBV0005A
PIN DESCRIPTIONS
Pin
Name
Function
Number
VIN
1
Input Voltage
GND
2
Common Ground (device substrate)
ON/OFF
3
Logic high enable input
N/C
4
Post package trim - do not connect to this pin
VOUT
5
Regulated output voltage
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1) (2)
Storage Temperature Range
−65°C to +150°C
Operating Junction Temperature Range
−40°C to +125°C
Lead Temperature (Soldering, 5 sec.)
260°C
ESD Rating(3)
2 kV
Power Dissipation(4)
Internally Limited
Input Supply Voltage (Survival)
−0.3V to +16V
Input Supply Voltage (Operating)
2.1V to +16V
Shutdown Input Voltage (Survival)
−0.3V to +16V
Output Voltage (Survival(5))
−0.3V to +9V
IOUT (Survival)
Short Circuit Protected
Input-Output Voltage (Survival,(6))
−0.3V to +16V
(1)
Absolute maximum ratings indicate limits beyond which damage to the component may occur. Electrical specifications do not apply
when operating the device outside of its rated operating conditions.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
The ESD rating of pins 3 and 4 for the SOT-23 package is 1 kV.
(4)
The maximum allowable power dissipation is a function of the maximum junction temperature, TJ(MAX), the junction-to-ambient thermal
resistance,
θJA, and the ambient temperature, TA. The maximum allowable power dissipation at any ambient temperature is calculated
using:
The value of
θJA for the SOT-23 package is 220°C/W. Exceeding the maximum allowable power dissipation will cause excessive die
temperature, and the regulator will go into thermal shutdown.
(5)
If used in a dual-supply system where the regulator load is returned to a negative supply, the LP2981-N output must be diode-clamped
to ground.
(6)
The output PNP structure contains a diode between the VIN and VOUT terminals that is normally reverse-biased. Reversing the polarity
from VIN to VOUT will turn on this diode (see APPLICATION HINTS).
2
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LP2981-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com