Electronic Components Datasheet Search
  English  ▼

X  

EE-SPY412 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # EE-SPY412
Description  Accurately detects objects placed in front of shiny Background.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

EE-SPY412 Datasheet(HTML) 2 Page - Omron Electronics LLC

  EE-SPY412 Datasheet HTML 1Page - Omron Electronics LLC EE-SPY412 Datasheet HTML 2Page - Omron Electronics LLC EE-SPY412 Datasheet HTML 3Page - Omron Electronics LLC EE-SPY412 Datasheet HTML 4Page - Omron Electronics LLC EE-SPY412 Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
EE-SPY31/41
Ratings and Specifications
I/O Circuit Diagrams
NPN Output
Item
Models
EE-SPY311, EE-SPY411, EE-SPY312, EE-SPY412
Sensing distance
2 to 5 mm (Reflection factor: 90%; white paper 15
× 15 mm)
Minimum sensing object
Pure copper wire (0.05 mm dia.)
Distance to background *1
20 mm max. (glass with aluminum deposition)
*1.
*2. The indicator is a GaP red LED
(peak wavelength: 700 nm).
*3. The response frequency was measured by
detecting the following rotating disk.
Differential distance
0.2 mm (with a sensing distance of 3 mm, horizontally)
Light source
GaAs infrared LED with a peak wavelength of 940 nm
Indicator *2
Light indicator (red)
Supply voltage
5 to 24 VDC ±10%, ripple (p-p): 5% max.
Current consumption
Average: 15 mA max., Peak: 50 mA max.
Control output
NPN voltage output:
Load power supply voltage: 5 to 24 VDC
Load current: 80 mA max.
OFF current: 0.5 mA max.
80 mA load current with a residual voltage of 1.0 V max.
10 mA load current with a residual voltage of 0.4 V max.
Response frequency *3
100 Hz min.
Ambient illumination
3,000 lx max. with incandescent light or sunlight on the surface of the
receiver
Ambient temperature range
Operating:
−10 to +55°C
Storage:
−25 to +65°C
Ambient humidity range
Operating: 5% to 85%
Storage:
5% to 95%
Vibration resistance
Destruction: 10 to 50 Hz, 1.5-mm double amplitude for 2 h each in X,
Y, and Z directions
Shock resistance
Destruction: 500m/s2 for 3 times each in X, Y, and Z directions
Degree of protection
IEC IP50
Connecting method
Special connector (soldering not possible)
Weight
Approx. 2.6 g
Material
Case
Polycarbonate
Holder
Polybutylene phthalate (PBT)
Model
Output
configuration
Timing charts
Output circuit
EE-SPY411
EE-SPY412
Light-ON
EE-SPY311
EE-SPY312
Dark-ON
Distance to background
20 mm
Sensing object
Background object
(glass with aluminum
deposition)
Disk
Disk
EE-SPY311/411
EE-SPY312/412
15 mm
15 mm
15 mm
200 mm
dia.
Incident
Interrupted
ON
OFF
ON
OFF
Operates
Releases
H
L
Light indicator
(red)
Output
transistor
Load 1
(relay)
Load 2
Light indicator
(red)
1.5 to 3 mA
Load 1
Load 2
∗
* Voltage output (when the sensor is connected to a transistor circuit)
OUT
lc
5 to 24VDC
Main
circuit
Incident
Interrupted
ON
OFF
ON
OFF
Operates
Releases
H
L
Light indicator
(red)
Output
transistor
Load 1
(relay)
Load 2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com