Electronic Components Datasheet Search
  English  ▼

X  

BA592 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BA592
Description  For band switching in TV/VTR tuners and mobile applications
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BA592 Datasheet(HTML) 5 Page - Infineon Technologies AG

  BA592 Datasheet HTML 1Page - Infineon Technologies AG BA592 Datasheet HTML 2Page - Infineon Technologies AG BA592 Datasheet HTML 3Page - Infineon Technologies AG BA592 Datasheet HTML 4Page - Infineon Technologies AG BA592 Datasheet HTML 5Page - Infineon Technologies AG BA592 Datasheet HTML 6Page - Infineon Technologies AG BA592 Datasheet HTML 7Page - Infineon Technologies AG BA592 Datasheet HTML 8Page - Infineon Technologies AG BA592 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
2011-07-21
5
BA592/BA892...
Isolation
ISO = -|S21|2 = ƒ(f)
VR = Paramter
BA892-02L in series configuration, Z = 50
Ω
0
0.5
1
1.5
2
GHz
3
f
-30
-25
-20
-15
-10
dB
0
0 V
1 V
10 V
Insertion loss
IL = -|S21|2 = ƒ(f)
IF = Parameter
BA892-02L in series configuration, Z = 50
Ω
0
0.5
1
1.5
2
GHz
3
f
-0.4
-0.3
-0.2
dB
0
10 mA
3 mA
1 mA
0.1 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com