Electronic Components Datasheet Search
  English  ▼

X  

BDP954 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BDP954
Description  PNP Silicon AF Power Transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BDP954 Datasheet(HTML) 5 Page - Infineon Technologies AG

  BDP954 Datasheet HTML 1Page - Infineon Technologies AG BDP954 Datasheet HTML 2Page - Infineon Technologies AG BDP954 Datasheet HTML 3Page - Infineon Technologies AG BDP954 Datasheet HTML 4Page - Infineon Technologies AG BDP954 Datasheet HTML 5Page - Infineon Technologies AG BDP954 Datasheet HTML 6Page - Infineon Technologies AG BDP954 Datasheet HTML 7Page - Infineon Technologies AG BDP954 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2011-10-05
5
BDP948_BDP950_BDP954
Collector cutoff current
ICBO = ƒ(TA)
VCB = 45 V
0
20
40
60
80
100
120 °C
150
TA
-1
10
0
10
1
10
2
10
3
10
4
10
5
10
nA
max
typ
Collector-base capacitance
Ccb = ƒ(VCB)
Emitter-base capacitance
Ceb = ƒ(VEB)
0
4
8
12
16
V
22
VCB(VEB
0
50
100
150
200
250
300
350
pF
425
CCB
CEB
Total power dissipation
Ptot = ƒ(TS)
0
15
30
45
60
75
90 105 120 °C
150
ts
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
W
5.5
Permissible Pulse Load
RthJS = ƒ(tp)
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
-1
10
0
10
1
10
2
10
D = 0,5
0,2
0,1
0,05
0,02
0,01
0,005
0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com