Electronic Components Datasheet Search
  English  ▼

X  

L9958 Datasheet(PDF) 18 Page - STMicroelectronics

Part # L9958
Description  Low RDSON SPI controlled H-Bridge
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9958 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L9958 Datasheet HTML 14Page - STMicroelectronics L9958 Datasheet HTML 15Page - STMicroelectronics L9958 Datasheet HTML 16Page - STMicroelectronics L9958 Datasheet HTML 17Page - STMicroelectronics L9958 Datasheet HTML 18Page - STMicroelectronics L9958 Datasheet HTML 19Page - STMicroelectronics L9958 Datasheet HTML 20Page - STMicroelectronics L9958 Datasheet HTML 21Page - STMicroelectronics L9958 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
Current regulation
L9958
18/38
Doc ID 17269 Rev 5
selection can be done "on the fly" by SPI. The corresponding bits are called "VSR" and
"ISR". No external component is needed to select the slew rate range. Only the power
transistors not used for freewheeling can be adjusted, the two others can be controlled with
a preset slew rate.
The couples of value defined to fulfill most of the application requirements are described in
the table below. The required accuracy is ±50 % for an output current from 1A to 8A and
with output voltage up to 19 V. The overall delay implemented between high-side and low-
side transistor switching must be adjusted automatically to avoid any cross-conduction
through one half-bridge in all conditions.
In case of current limitation and any detection that put the bridge in tri-state, the slew rate is
not related anymore to the preset bits "VSR"; "ISR" but to a dedicated faster slew rate
control named "SUPER FAST" mode. The automatic change from SPI selectable to SUPER
FAST slew rate is described hereafter.
Figure 14.
Slew rate switching strategy
Table 10.
Slew rate control on low side MOS
Range
VSR
ISR
dV/dt (V/µs)
dI/dt (A/µs)
1 (default value)0
0
4
3
20
1
4
0.3
31
0
2
3
41
1
2
0.3
No SR control
Not selectable
14
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com