Electronic Components Datasheet Search
  English  ▼

X  

L9958SB Datasheet(PDF) 8 Page - STMicroelectronics

Part # L9958SB
Description  Low RDSON SPI controlled H-Bridge
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9958SB Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L9958SB Datasheet HTML 4Page - STMicroelectronics L9958SB Datasheet HTML 5Page - STMicroelectronics L9958SB Datasheet HTML 6Page - STMicroelectronics L9958SB Datasheet HTML 7Page - STMicroelectronics L9958SB Datasheet HTML 8Page - STMicroelectronics L9958SB Datasheet HTML 9Page - STMicroelectronics L9958SB Datasheet HTML 10Page - STMicroelectronics L9958SB Datasheet HTML 11Page - STMicroelectronics L9958SB Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
Pins description
L9958
8/38
Doc ID 17269 Rev 5
2.2
PowerSO16
The exposed slug must be soldered on the PCB and connected to GND
Figure 3.
PowerSO16 pin connection (top view)
Table 3.
PowerSO16 pin function
Pin Nº
Name
Description
1
GND
Ground
2
SO
Serial Out
3CS
Chip Select
4
CP
Charge pump
5
DIR
Direction Input
6
OUT1
Output 1
7DI
Disable
8
PGND
Power Ground
9
EN
Enable
10
OUT2
Output 2
11
PWM
PWM Input
12
REXT
External Reference Resistor
13
VS
Supply Voltage
14
SI
Serial In
15
SCK
SPI Clock
16
VDD
Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com