Electronic Components Datasheet Search
  English  ▼

X  

STP4NM60 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STP4NM60
Description  N-channel 600 V, 1.3 1 3 A TO-220, DPAK, IPAK Zener-protected MDmesh™ Power MOSFET
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP4NM60 Datasheet(HTML) 3 Page - STMicroelectronics

  STP4NM60 Datasheet HTML 1Page - STMicroelectronics STP4NM60 Datasheet HTML 2Page - STMicroelectronics STP4NM60 Datasheet HTML 3Page - STMicroelectronics STP4NM60 Datasheet HTML 4Page - STMicroelectronics STP4NM60 Datasheet HTML 5Page - STMicroelectronics STP4NM60 Datasheet HTML 6Page - STMicroelectronics STP4NM60 Datasheet HTML 7Page - STMicroelectronics STP4NM60 Datasheet HTML 8Page - STMicroelectronics STP4NM60 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
STD3NM60, STD3NM60-1, STP4NM60
Electrical ratings
Doc ID 8370 Rev 4
3/17
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
STP4NM60
STD3NM60
STD3NM60-1
VDS
Drain-source voltage (VGS= 0)
600
V
VGS
Gate- source Voltage
± 30
V
ID
Drain current (continuous) at TC= 25°C
4
3
A
ID
Drain current (continuous) at TC= 100°C
2.52
1.9
A
IDM
(1)
1.
Pulse width limited by safe operating area
Drain current (pulsed)
16
12
A
PTOT
Total dissipation at TC= 25°C
69
42
W
Derating factor
0.55
0.33
W/°C
dv/dt (2)
2.
ISD ≤3 A, di/dt ≤400 µA, VDD ≤V(BR)DSS, Tj ≤TJMAX.
Peak diode recovery voltage slope
15
V/ns
Tj
Operating junction temperature
-65 to 150
°C
Tstg
Storage temperature
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
To-220
DPAK / IPAK
Rthj-case
Thermal resistance junction-case max
1.82
3
°C/W
Rthj-amb
Thermal resistance junction-ambient max
62.5
°C/W
Tl
Maximum lead temperature for soldering
purpose
300
°C
Table 4.
Avalanche characteristics
Symbol
Parameter
Value
Unit
IAR
Avalanche current, repetitive or not-repetitive (pulse
width limited by Tjmax)
1.5
A
EAS
Single pulse avalanche energy
(starting Tj= 25 °C, ID= IAR, VDD= 50 V)
200
mJ
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com