Electronic Components Datasheet Search
  English  ▼

X  

EN82527 Datasheet(PDF) 39 Page - InnovASIC, Inc

Part # EN82527
Description  Serial Communications Controller?봀AN Protocol
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

EN82527 Datasheet(HTML) 39 Page - InnovASIC, Inc

Back Button EN82527 Datasheet HTML 35Page - InnovASIC, Inc EN82527 Datasheet HTML 36Page - InnovASIC, Inc EN82527 Datasheet HTML 37Page - InnovASIC, Inc EN82527 Datasheet HTML 38Page - InnovASIC, Inc EN82527 Datasheet HTML 39Page - InnovASIC, Inc EN82527 Datasheet HTML 40Page - InnovASIC, Inc EN82527 Datasheet HTML 41Page - InnovASIC, Inc EN82527 Datasheet HTML 42Page - InnovASIC, Inc EN82527 Datasheet HTML 43Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 58 page
background image
IA82527
Data Sheet
CAN Serial Communications Controller
December 20, 2012
IA211080504-07
http://www.innovasic.com
Customer Support:
Page 39 of 58
(888) 824-4184
Table 12. Mode 2: General Bus Timing for 5.0V Operation
Symbol
Parameter
Minimum
Maximum
1/tXTAL
Oscillator Frequency
8 MHz
16 MHz
1/tSCLK
System Clock Frequency
4 MHz
10 MHz
1/tMCLK
Memory Clock Frequency
2 MHz
8 MHz
tAVSL
Address Valid to as Low
7.5 ns
–
tSLAX
Address Hold after as Low
10 ns
–
tELDZ
Data Float after e Low
0 ns
45 ns
tEHDV
e High to Data Valid for Registers 02H, 04H, 05H
0 ns
45 ns
e High to Data Valid (all Registers except for 02H, 04H,
05H) for Read Cycle without a Previous Writea
–
1.5 tmclk + 100
ns
e High to Data Valid (all Registers except for 02H, 04H,
05H) for Read Cycle with a Previous Write
–
3.5 tmclk + 100
ns
tQVEL
Data Setup to e Low
30 ns
–
tELQX
Input Data Hold after e Low
20 ns
–
tELDV
e Low to Output Data Valid on Port 1/2
tmclk
2 tmclk + 500 ns
tEHEL
e High Time
45 ns
tELEL
End of previous write (Last E Low) to E Low for Write
Cycle
2 tmclk
tSHSL
as High Time
30 ns
–
tRSEH
Setup Time of r-w_n to e High
30 ns
–
tSLEH
as Low to e High
20 ns
–
tCLSL
cs_n Low to as Low
20 ns
–
tELCH
e Low to cs_n High
0 ns
–
tCOPD
clkout Period (CDV is the value loaded in the CLKOUT
Register representing the clkout divisor)
(CDV + 1) × tOSC
tCHCL
clkout High Period (CDV is the value loaded in the
CLKOUT Register representing the clkout divisor)
(CDV + 1) × ½
tOSC – 10
(CDV + 1) × ½
tOSC + 15
aA “Read Cycle without a Previous Write” is where a read cycle follows a write cycle and where
the falling edge of e for the write and the rising edge of e for the read are separated by at least
2
× t
MCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com