Electronic Components Datasheet Search
  English  ▼

X  

STM8T143 Datasheet(PDF) 28 Page - STMicroelectronics

Part # STM8T143
Description  Single-channel capacitive sensor for touch and proximity detection
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8T143 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STM8T143 Datasheet HTML 24Page - STMicroelectronics STM8T143 Datasheet HTML 25Page - STMicroelectronics STM8T143 Datasheet HTML 26Page - STMicroelectronics STM8T143 Datasheet HTML 27Page - STMicroelectronics STM8T143 Datasheet HTML 28Page - STMicroelectronics STM8T143 Datasheet HTML 29Page - STMicroelectronics STM8T143 Datasheet HTML 30Page - STMicroelectronics STM8T143 Datasheet HTML 31Page - STMicroelectronics STM8T143 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 65 page
background image
Device operation
STM8T143
28/65
DocID18315 Rev 6
OPT0
Bits [7:5]: Touch detection threshold (TTh)
000: 40
001: 60
010: 100
011: 200
100: 360
101: 500
110: 700
111: 900
Bit [4:3]: Proximity detection threshold (
PTh)
00: 4
01: 8
10: 16
11: 32
Bit 2: Reserved, must be cleared
Bit 1: Output polarity (see Section 6.3: Output polarity)(1)
0: Active low
1: Active high
Bit 0: Control type (see Section 6.2.2: Control mode)
0: Halt conversion control
1: Reference freeze control
1. Effective only when Data streaming mode is disabled
Table 3. Option byte description (continued)
Option
byte no.
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65