Electronic Components Datasheet Search
  English  ▼

X  

STPSC10H065 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPSC10H065
Description  650 V power Schottky silicon carbide diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC10H065 Datasheet(HTML) 3 Page - STMicroelectronics

  STPSC10H065 Datasheet HTML 1Page - STMicroelectronics STPSC10H065 Datasheet HTML 2Page - STMicroelectronics STPSC10H065 Datasheet HTML 3Page - STMicroelectronics STPSC10H065 Datasheet HTML 4Page - STMicroelectronics STPSC10H065 Datasheet HTML 5Page - STMicroelectronics STPSC10H065 Datasheet HTML 6Page - STMicroelectronics STPSC10H065 Datasheet HTML 7Page - STMicroelectronics STPSC10H065 Datasheet HTML 8Page - STMicroelectronics STPSC10H065 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
STPSC10H065
Characteristics
Doc ID 023604 Rev 2
3/9
Figure 1.
Forward voltage drop versus
forward current (typical values, low
level)
Figure 2.
Forward voltage drop versus
forward current (typical values,
high level)
A)
I
FM(
0
2
4
6
8
10
12
14
16
18
20
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
T
a=150 °C
T
a=175 °C
T
a=25 °C
Pulse test : t
p=380µs
VFM(V)
I
FM(A)
0
10
20
30
40
50
60
70
80
90
100
01
23
456
78
T
a=150 °C
T
a=175 °C
T
a=25 °C
Pulse test : t
p=380µs
VFM(V)
Figure 3.
Reverse leakage current versus
reverse voltage applied
(typical values)
Figure 4.
Peak forward current versus case
temperature
I
R(µA)
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
0
50
100 150 200 250 300 350 400 450 500 550 600 650
T
j=25 °C
T
j=150 °C
T
j=175 °C
VR(V)
I M (A)
0
10
20
30
40
50
60
70
80
0
25
50
75
100
125
150
175
TC(°C)
T
δ=tp/T
tp
δ = 1
δ = 0.7
δ = 0.5
δ = 0.3
δ = 0.1
Figure 5.
Junction capacitance versus
reverse voltage applied (typical
values)
Figure 6.
Relative variation of thermal
impedance junction to case
versus pulse duration
0
50
100
150
200
250
300
350
400
450
500
0.1
1.0
10.0
100.0
1000.0
F=1 MHz
V
OSC=30 mVRMS
T
j=25 °C
VR(V)
Cj (pF)
Z
th(j-c)/Rth(j-c)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-05
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
Single pulse
tp(s)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com