Electronic Components Datasheet Search
  English  ▼

X  

TDA7492 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7492
Description  50 W 50 W dual BTL class-D audio amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7492 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7492 Datasheet HTML 1Page - STMicroelectronics TDA7492 Datasheet HTML 2Page - STMicroelectronics TDA7492 Datasheet HTML 3Page - STMicroelectronics TDA7492 Datasheet HTML 4Page - STMicroelectronics TDA7492 Datasheet HTML 5Page - STMicroelectronics TDA7492 Datasheet HTML 6Page - STMicroelectronics TDA7492 Datasheet HTML 7Page - STMicroelectronics TDA7492 Datasheet HTML 8Page - STMicroelectronics TDA7492 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
September 2011
Doc ID 14926 Rev 5
1/32
1
TDA7492
50 W + 50 W dual BTL class-D audio amplifier
Features
■ 50 W + 50 W continuous output power at
THD = 10% with RL = 6 Ω and VCC = 25 V
■ 40 W + 40 W continuous output power at
THD = 10% with RL = 8 Ω and VCC = 25 V
■ Wide-range single-supply operation (8 - 26 V)
■ High efficiency (
η = 90%)
■ Four selectable, fixed gain settings of
nominally 21.6 dB, 27.6 dB, 31.1 dB and
33.6 dB
■ Differential inputs minimize common-mode
noise
■ Standby and mute features
■ Short-circuit protection
■ Thermal overload protection
■ Externally synchronizable
■ ECOPACK®, environmentally-friendly package
Description
The TDA7492 is a dual BTL class-D audio
amplifier with single power supply designed for
LCD TVs and monitors.
Thanks to the high efficiency and exposed-pad-up
(EPU) package only a simple heatsink is required.
PowerSSO-36
with exposed pad up
Table 1.
Device summary
Order code
Operating temp. range
Package
Packaging
TDA7492
0 to 70 °C
PowerSSO-36 EPU
Tube
TDA749213TR
0 to 70 °C
PowerSSO-36 EPU
Tape and reel
www.st.com


Similar Part No. - TDA7492

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7492 STMICROELECTRONICS-TDA7492 Datasheet
701Kb / 32P
50 W 50 W dual BTL class-D amplifier
22-Jan-2015
TDA749213TR STMICROELECTRONICS-TDA749213TR Datasheet
701Kb / 32P
50 W 50 W dual BTL class-D amplifier
22-Jan-2015
TDA7492E STMICROELECTRONICS-TDA7492E Datasheet
665Kb / 24P
79 W 79 W dual BTL class-D audio amplifier
24-Feb-2017
TDA7492ETR STMICROELECTRONICS-TDA7492ETR Datasheet
665Kb / 24P
79 W 79 W dual BTL class-D audio amplifier
24-Feb-2017
TDA7492MV STMICROELECTRONICS-TDA7492MV Datasheet
647Kb / 26P
50 W mono BTL class-D audio amplifier
20-Oct-2009
More results

Similar Description - TDA7492

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK402-090 SANYO-STK402-090 Datasheet
54Kb / 5P
Two-Channel Class AB Audio Power Amplifier IC 50 W 50 W
logo
NXP Semiconductors
TDA8926 PHILIPS-TDA8926 Datasheet
332Kb / 32P
Power stage 2 x 50 W class-D audio amplifier
2002 Oct 10
TDA8947J PHILIPS-TDA8947J Datasheet
200Kb / 24P
4-channel audio amplifier (SE: 1 W to 25 W; BTL: 4 W to 50 W)
Rev. 01-06 February 2004
logo
STMicroelectronics
TDA7491HV STMICROELECTRONICS-TDA7491HV Datasheet
933Kb / 26P
20 W 20 W dual BTL class-D audio amplifier
11-Dec-2007
TDA7491MV STMICROELECTRONICS-TDA7491MV Datasheet
697Kb / 28P
25 W mono BTL class-D audio amplifier
29-May-2009
TDA7492MV STMICROELECTRONICS-TDA7492MV Datasheet
647Kb / 26P
50 W mono BTL class-D audio amplifier
20-Oct-2009
CCA027V1 STMICROELECTRONICS-CCA027V1 Datasheet
92Kb / 5P
50 W50 W dual BTL class-D audio amplifier demonstration board based on the TDA7492
12-Sep-2011
STEVAL-CCA027V1 STMICROELECTRONICS-STEVAL-CCA027V1 Datasheet
99Kb / 4P
50 W50 W dual BTL class-D audio amplifier demonstration board based on the TDA7492
12-Sep-2011
TDA7492E STMICROELECTRONICS-TDA7492E Datasheet
665Kb / 24P
79 W 79 W dual BTL class-D audio amplifier
24-Feb-2017
TDA7492PE STMICROELECTRONICS-TDA7492PE Datasheet
740Kb / 24P
45 W 45 W dual BTL class-D audio amplifier
17-Nov-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com