Electronic Components Datasheet Search
  English  ▼

X  

OPA211 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA211
Description  1.1nV/?숰z Noise, Low Power, Precision Operational Amplifier in Small DFN-8 Package
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA211 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA211 Datasheet HTML 7Page - Texas Instruments OPA211 Datasheet HTML 8Page - Texas Instruments OPA211 Datasheet HTML 9Page - Texas Instruments OPA211 Datasheet HTML 10Page - Texas Instruments OPA211 Datasheet HTML 11Page - Texas Instruments OPA211 Datasheet HTML 12Page - Texas Instruments OPA211 Datasheet HTML 13Page - Texas Instruments OPA211 Datasheet HTML 14Page - Texas Instruments OPA211 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
Time(0.5 s/div)
m
G= 1
C =100pF
R =600
-
W
L
L
Time(0.5 s/div)
m
G=+1
C =100pF
R =600
L
L
W
R =100W
F
R =0W
F
Note:Seethe
section,
.
ApplicationsInformation
InputProtection
0
100
200
300
400
500
1000
600
700
800
900
Time(ns)
1.0
0.8
0.6
0.4
0.2
0
-0.2
-0.4
-0.6
-0.8
-1.0
0.010
0.008
0.006
0.004
0.002
0
-0.002
-0.004
-0.006
-0.008
-0.010
16-Bit Settling
( 1/2LSB= 0.00075%)
±
±
0
100
200
300
400
500
1000
600
700
800
900
Time(ns)
1.0
0.8
0.6
0.4
0.2
0
-0.2
-0.4
-0.6
-0.8
-1.0
0.010
0.008
0.006
0.004
0.002
0
-0.002
-0.004
-0.006
-0.008
-0.010
16-Bit Settling
( 1/2LSB= 0.00075%)
±
±
0
100
200
300
400
500
1000
600
700
800
900
Time(ns)
1.0
0.8
0.6
0.4
0.2
0
-0.2
-0.4
-0.6
-0.8
-1.0
0.010
0.008
0.006
0.004
0.002
0
-0.002
-0.004
-0.006
-0.008
-0.010
16-Bit Settling
( 1/2LSB= 0.00075%)
±
±
0
100
200
300
400
500
1000
600
700
800
900
Time(ns)
1.0
0.8
0.6
0.4
0.2
0
-0.2
-0.4
-0.6
-0.8
-1.0
0.010
0.008
0.006
0.004
0.002
0
-0.002
-0.004
-0.006
-0.008
-0.010
16-Bit Settling
( 1/2LSB= 0.00075%)
±
±
OPA211
OPA2211
www.ti.com...................................................................................................................................................... SBOS377G – OCTOBER 2006 – REVISED MAY 2009
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VS = ±18V, and RL = 10kΩ, unless otherwise noted.
LARGE-SIGNAL STEP RESPONSE
LARGE-SIGNAL STEP RESPONSE
Figure 31.
Figure 32.
LARGE-SIGNAL POSITIVE SETTLING TIME
LARGE-SIGNAL POSITIVE SETTLING TIME
(10VPP, CL = 100pF)
(10VPP, CL = 10pF)
Figure 33.
Figure 34.
LARGE-SIGNAL NEGATIVE SETTLING TIME
LARGE-SIGNAL NEGATIVE SETTLING TIME
(10VPP, CL = 100pF)
(10VPP, CL = 10pF)
Figure 35.
Figure 36.
Copyright © 2006–2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): OPA211 OPA2211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com