Electronic Components Datasheet Search
  English  ▼

X  

OPA211AI Datasheet(PDF) 7 Page - Texas Instruments

Part # OPA211AI
Description  1.1nV/?숰z Noise, Low Power, Precision Operational Amplifier in Small DFN-8 Package
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA211AI Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA211AI Datasheet HTML 3Page - Texas Instruments OPA211AI Datasheet HTML 4Page - Texas Instruments OPA211AI Datasheet HTML 5Page - Texas Instruments OPA211AI Datasheet HTML 6Page - Texas Instruments OPA211AI Datasheet HTML 7Page - Texas Instruments OPA211AI Datasheet HTML 8Page - Texas Instruments OPA211AI Datasheet HTML 9Page - Texas Instruments OPA211AI Datasheet HTML 10Page - Texas Instruments OPA211AI Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
Time(1s/div)
1
10
160
140
100
80
60
40
0
Frequency(Hz)
100M
10k
100
1k
100k
20
120
1M
10M
-PSRR
+PSRR
10k
140
100
80
60
40
0
Frequency(Hz)
100M
1M
100k
20
120
10M
10
10k
0.1
Frequency(Hz)
100M
1
100
1k
10k
10
100
1k
100k
10M
1M
100
1k
140
120
100
80
60
40
-20
Frequency(Hz)
100M
1M
10k
100k
10M
20
0
180
135
90
45
0
Gain
Phase
-
75
5
-
5
Temperature( C)
°
200
2
-
50 -25
0
3
4
25
75
50
1
100 125 150 175
0
-
1
-
2
-
3
-
4
300mVSwingFromRails
200mVSwingFromRails
R =10kW
L
OPA211
OPA2211
www.ti.com...................................................................................................................................................... SBOS377G – OCTOBER 2006 – REVISED MAY 2009
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VS = ±18V, and RL = 10kΩ, unless otherwise noted.
POWER-SUPPLY REJECTION RATIO
0.1Hz TO 10Hz NOISE
vs FREQUENCY (Referred to Input)
Figure 7.
Figure 8.
COMMON-MODE REJECTION RATIO
OPEN-LOOP OUTPUT IMPEDANCE
vs FREQUENCY
vs FREQUENCY
Figure 9.
Figure 10.
GAIN AND PHASE vs FREQUENCY
NORMALIZED OPEN-LOOP GAIN vs TEMPERATURE
Figure 11.
Figure 12.
Copyright © 2006–2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): OPA211 OPA2211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com