Electronic Components Datasheet Search
  English  ▼

X  

OPA2211AI Datasheet(PDF) 3 Page - Texas Instruments

Part # OPA2211AI
Description  1.1nV/?숰z Noise, Low Power, Precision Operational Amplifier in Small DFN-8 Package
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2211AI Datasheet(HTML) 3 Page - Texas Instruments

  OPA2211AI Datasheet HTML 1Page - Texas Instruments OPA2211AI Datasheet HTML 2Page - Texas Instruments OPA2211AI Datasheet HTML 3Page - Texas Instruments OPA2211AI Datasheet HTML 4Page - Texas Instruments OPA2211AI Datasheet HTML 5Page - Texas Instruments OPA2211AI Datasheet HTML 6Page - Texas Instruments OPA2211AI Datasheet HTML 7Page - Texas Instruments OPA2211AI Datasheet HTML 8Page - Texas Instruments OPA2211AI Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
PIN CONFIGURATIONS
1
2
3
4
8
7
6
5
NC
(1)
V+
OUT
NC
(1)
NC
(1)
-IN
+IN
V-
1
2
3
4
8
7
6
5
Shutdown
(3)
V+
OUT
NC
(1)
NC
(1)
-IN
+IN
V-
1
2
3
4
8
7
6
5
Shutdown
(3)
V+
OUT
NC
(1)
NC
(1)
-IN
+IN
V-
Pad
(2)
1
2
3
4
8
7
6
5
V+
OUTB
-INB
+INB
OUTA
-INA
+INA
V-
Pad
(2)
A
B
1
2
3
4
8
7
6
5
V+
OUTB
-INB
+INB
OUTA
-INA
+INA
V-
A
B
Pad
(2)
OPA211
OPA2211
www.ti.com...................................................................................................................................................... SBOS377G – OCTOBER 2006 – REVISED MAY 2009
OPA211
OPA211
SO-8
MSOP-8
OPA211
OPA2211
DFN-8 (3mm × 3mm)
DFN-8 (3mm × 3mm)
OPA2211
SO-8 PowerPAD
(1)
NC denotes no internal connection.
(2)
Exposed thermal die pad on underside; connect thermal die pad to V–. Soldering the thermal pad improves heat
dissipation and provides specified performance.
(3)
Shutdown function:
•
Device enabled: (V–)
≤ VSHUTDOWN ≤ (V+) – 3V
•
Device disabled: VSHUTDOWN ≥ (V+) – 0.35V
Copyright © 2006–2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): OPA211 OPA2211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com