Electronic Components Datasheet Search
  English  ▼

X  

TPS2012D Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2012D
Description  POWER-DISTRIBUTION
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2012D Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS2012D Datasheet HTML 3Page - Texas Instruments TPS2012D Datasheet HTML 4Page - Texas Instruments TPS2012D Datasheet HTML 5Page - Texas Instruments TPS2012D Datasheet HTML 6Page - Texas Instruments TPS2012D Datasheet HTML 7Page - Texas Instruments TPS2012D Datasheet HTML 8Page - Texas Instruments TPS2012D Datasheet HTML 9Page - Texas Instruments TPS2012D Datasheet HTML 10Page - Texas Instruments TPS2012D Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
TPS2010, TPS2011, TPS2012, TPS2013
POWER-DISTRIBUTION
SLVS097A – DECEMBER 1994 – REVISED AUGUST 1995
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
Figure 1. Propagation Delay and
Rise Time With 1-
µF Load, VI(IN) = 5.5 V
01
2
3
45
67
89
t – Time – ms
6
4
2
0
6
4
2
0
–1
Figure 2. Propagation Delay and
Fall Time With 1-
µF Load, VI(IN) = 5.5 V
0
5
10
15
20
25
30
35
40
45
t – Time – ms
6
4
2
0
6
4
2
0
–1
Figure 3. Propagation Delay and
Rise Time With 1-
µF Load, VI(IN) = 2.7 V
01
2
3
45
67
89
t – Time – ms
4
2
0
4
2
0
–1
Figure 4. Propagation Delay and
Fall Time With 1-
µF Load, VI(IN) = 2.7 V
0
5
10
15
20
25
30
35
40
45
t – Time – ms
4
2
0
4
2
0
–1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com