Electronic Components Datasheet Search
  English  ▼

X  

AD8099 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8099
Description  Ultralow Distortion, High Speed 0.95 nV/?뺿z Voltage Noise Op Amp
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8099 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8099 Datasheet HTML 8Page - Analog Devices AD8099 Datasheet HTML 9Page - Analog Devices AD8099 Datasheet HTML 10Page - Analog Devices AD8099 Datasheet HTML 11Page - Analog Devices AD8099 Datasheet HTML 12Page - Analog Devices AD8099 Datasheet HTML 13Page - Analog Devices AD8099 Datasheet HTML 14Page - Analog Devices AD8099 Datasheet HTML 15Page - Analog Devices AD8099 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
Data Sheet
AD8099
Rev. D | Page 11 of 28
TIME (ns)
05
10
–0.20
–0.05
–0.10
–0.15
0.15
0.10
0.05
0
0.20
15
20
25
30
35
40
45
50
1pF
10pF, 20
 R
SNUB
RSNUB
CL
RL
G = +5
VS = ±5V
RL = 1k
Figure 35. Small Signal Transient Response for Various Capacitive Loads
(SOIC)
TIME (ns)
010
–0.15
–0.05
–0.10
0.10
0.05
0
0.15
20
30
40
50
G = +10
RL = 1k
VS = ±5.0V
AND ±2.5V, SOIC
VS = ±5.0V
AND ±2.5V, CSP
Figure 36. Small Signal Transient Response for Various Supply Voltages
TIME (ns)
1000
0
100
200
300
400
500
600
700
800
900
–5
5
4
3
2
1
0
–1
–2
–3
–4
RL = 1k
RL = 100
INPUT × 2
Figure 37. Output Overdrive Recovery for Various Resistive Loads
TIME (ns)
05
10
–0.20
–0.05
–0.10
–0.15
0.15
0.10
0.05
0
0.20
15
20
25
30
35
40
45
50
10pF, 20
 R
SNUB
1pF
RSNUB
CL
RL
G = +5
VS = ±5V
RL = 1k
Figure 38. Small Signal Transient Response for Various Capacitive Loads
(LFCSP)
TIME (ns)
010
–0.20
–0.05
–0.10
–0.15
0.15
0.10
0.05
0
0.20
20
30
40
50
RL = 1k, 100
VOUT = 200mV p-p
G = +5
VS = ±2.5V
CSP
VS = ±5.0V
CSP
VS = ±5.0V
SOIC
VS = ±2.5V
SOIC
Figure 39. Small Signal Transient Response for Various Supply Voltages
TIME (ns)
–0.5
200
0
50
100
150
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
TURN ON
TURN ON
INPUT
TURN OFF
TURN OFF
INPUT
VS = ±5V
G = 2
Figure 40. Disable/Enable Switching Speed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com