Electronic Components Datasheet Search
  English  ▼

X  

AD5320 Datasheet(PDF) 19 Page - Analog Devices

Part # AD5320
Description  2.5 V to 5.5 V, 500 關A, 2-Wire Interface Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5320 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD5320 Datasheet HTML 15Page - Analog Devices AD5320 Datasheet HTML 16Page - Analog Devices AD5320 Datasheet HTML 17Page - Analog Devices AD5320 Datasheet HTML 18Page - Analog Devices AD5320 Datasheet HTML 19Page - Analog Devices AD5320 Datasheet HTML 20Page - Analog Devices AD5320 Datasheet HTML 21Page - Analog Devices AD5320 Datasheet HTML 22Page - Analog Devices AD5320 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
AD5305/AD5315/AD5325
Rev. G | Page 19 of 24
When both bits are set to 0, the DAC works normally with its
normal power consumption of 600 μA at 5 V. However, for the
three power-down modes, the supply current falls to 200 nA at
5 V (80 nA at 3 V). Not only does the supply current drop, but
the output stage is also internally switched from the output of
the amplifier to a resistor network of known values. This has an
advantageous because the output impedance of the part is known
while the part is in power-down mode and provides a defined
input condition for whatever is connected to the output of the
DAC amplifier. There are three different options. The output is
connected internally to GND through a 1 kΩ resistor, a 100 kΩ
resistor, or it is left open-circuited (three-state). Resistor
tolerance = ±20%. The output stage is illustrated in Figure 35.
AMPLIFIER
RESISTOR
STRING DAC
POWER-DOWN
CIRCUITRY
VOUT
RESISTOR
NETWORK
Figure 35. Output Stage During Power-Down
The bias generator, the output amplifiers, the resistor string, and
all other associated linear circuitry are shut down when the
power-down mode is activated. However, the contents of the
DAC registers are unchanged when in power-down. The time to
exit power-down is typically 2.5 μs for VDD = 5 V and 5 μs when
VDD = 3 V. This is the time from the rising edge of the eighth
SCL pulse to when the output voltage deviates from its power-
down voltage. See Figure 21 for a plot.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com