Electronic Components Datasheet Search
  English  ▼

X  

AD8099ARD Datasheet(PDF) 23 Page - Analog Devices

Part # AD8099ARD
Description  Ultralow Distortion, High Speed 0.95 nV/?뺿z Voltage Noise Op Amp
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8099ARD Datasheet(HTML) 23 Page - Analog Devices

Back Button AD8099ARD Datasheet HTML 19Page - Analog Devices AD8099ARD Datasheet HTML 20Page - Analog Devices AD8099ARD Datasheet HTML 21Page - Analog Devices AD8099ARD Datasheet HTML 22Page - Analog Devices AD8099ARD Datasheet HTML 23Page - Analog Devices AD8099ARD Datasheet HTML 24Page - Analog Devices AD8099ARD Datasheet HTML 25Page - Analog Devices AD8099ARD Datasheet HTML 26Page - Analog Devices AD8099ARD Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
AD8099
Data Sheet
Rev. D | Page 22 of 28
8
1
4
7
5
3
6
2
AD8099
AD7667
C4
10
µF
CC
9pF
C1
2pF
C5
0.1
µF
C1
10
µF
C2
0.1
µF
RC
50
Ω
RF
150
Ω
RG
150
Ω
RS
50
Ω
R1
590
Ω
R2
590
Ω
+VS
–VS
DISABLE
VIN
IN
REFGND
REF
INGND
AGND
AVDD
DGND
DVDD
DVDD
C6
2.7nF
R7
15
Ω
AVDD
1
µF
47
µF
REF
0.1
µF
0.1
µF
+2.5V
Figure 71. ADC Driver
16-BIT ADC DRIVER
Ultralow noise and distortion performance make the AD8099
an ideal ADC driver. Even though the AD8099 is not unity gain
stable, it can be configured to produce a net gain of +1
amplifier, as shown in Figure 71. This is achieved by combining
a gain of +2 and a gain of –1 for a net gain of +1. The input
range of the ADC is 0 V to 2.5 V.
Table 6 shows the performance data of the AD8099 and the
Analog Devices AD7667 a 1 MSPS 16-bit ADC.
Table 6. ADC Driver Performance, fC = 20 kHz,
VOUT = 2.24 V p-p
Parameter
Measurement (dB)
Second Harmonic Distortion
–111.4
Third Harmonic Distortion
–103.2
THD
–101.4
SFDR
102.2
SNR
88.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com