Electronic Components Datasheet Search
  English  ▼

X  

TPS2012PWLE Datasheet(PDF) 14 Page - Texas Instruments

Part # TPS2012PWLE
Description  POWER-DISTRIBUTION
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2012PWLE Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS2012PWLE Datasheet HTML 10Page - Texas Instruments TPS2012PWLE Datasheet HTML 11Page - Texas Instruments TPS2012PWLE Datasheet HTML 12Page - Texas Instruments TPS2012PWLE Datasheet HTML 13Page - Texas Instruments TPS2012PWLE Datasheet HTML 14Page - Texas Instruments TPS2012PWLE Datasheet HTML 15Page - Texas Instruments TPS2012PWLE Datasheet HTML 16Page - Texas Instruments TPS2012PWLE Datasheet HTML 17Page - Texas Instruments TPS2012PWLE Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
TPS2010, TPS2011, TPS2012, TPS2013
POWER-DISTRIBUTION
SLVS097A – DECEMBER 1994 – REVISED AUGUST 1995
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 27
3.5
3
2
1.5
2.5
3
3.5
4
4
5
THRESHOLD TRIP CURRENT
vs
INPUT VOLTAGE
5.5
4.5
5
5.5
4.5
2.5
TPS2010
TPS2013
TPS2012
TPS2011
VI – Input Voltage – V
Figure 28
1.5
1
0.5
0
2
2.5
SHORT-CIRCUIT CURRENT
vs
JUNCTION TEMPERATURE
3
– 50
– 25
0
25
50
75
100
125
TJ – Junction Temperature – °C
TPS2013
TPS2012
TPS2011
TPS2010
VI(IN) = 5.5 V
APPLICATION INFORMATION
0.1
µF
External Load
+
0.1
µF
1
µF
Power Supply
2.7 V – 5.5 V
Load Enable
IN
IN
EN
OUT
OUT
OUT
OUT
GND
TPS2010D
2
3
4
5
6
7
8
1
Figure 29. Typical Application
power supply considerations
The TPS201x family has multiple inputs and outputs, which must be connected in parallel to minimize voltage
drop and prevent unnecessary power dissipation.
A 0.047-
µF to 0.1-µF ceramic bypass capacitor between IN and GND, close to the device, is recommended.
A high-value electrolytic capacitor is also desirable when the output load is heavy or has large paralleled
capacitors. Bypassing the output with a 0.1-
µF ceramic capacitor improves the immunity of the device to
electrostatic discharge (ESD).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com