Electronic Components Datasheet Search
  English  ▼

X  

AD9709 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9709
Description  8-Bit, 125 MSPS, Dual TxDAC Digital-to-Analog Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9709 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9709 Datasheet HTML 17Page - Analog Devices AD9709 Datasheet HTML 18Page - Analog Devices AD9709 Datasheet HTML 19Page - Analog Devices AD9709 Datasheet HTML 20Page - Analog Devices AD9709 Datasheet HTML 21Page - Analog Devices AD9709 Datasheet HTML 22Page - Analog Devices AD9709 Datasheet HTML 23Page - Analog Devices AD9709 Datasheet HTML 24Page - Analog Devices AD9709 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
AD9709
Rev. B | Page 21 of 32
An example serves to illustrate the effect of supply noise on the
analog supply. Suppose a switching regulator with a switching
frequency of 250 kHz produces 10 mV of noise and, for simplicity’s
sake, all of this noise is concentrated at 250 kHz (that is, ignore
harmonics). To calculate how much of this undesired noise will
appear as current noise superimposed on the DAC full-scale
current, IOUTFS, one must determine the PSRR in decibels using
Figure 41 at 250 kHz. To calculate the PSRR for a given RLOAD,
such that the units of PSRR are converted from A/V to V/V,
adjust the curve in Figure 41 by the scaling factor 20 × log(RLOAD).
For instance, if RLOAD is 50 Ω, the PSRR is reduced by 34 dB
(that is, the PSRR of the DAC at 250 kHz, which is 85 dB in
Figure 41, becomes 51 dB VOUT/VIN).
Proper grounding and decoupling should be a primary
objective in any high speed, high resolution system. The
AD9709 features separate analog and digital supply and ground
pins to optimize the management of analog and digital ground
currents in a system. In general, decouple the analog supply
(AVDD) to the analog common (ACOM) as close to the chip as
physically possible. Similarly, decouple DVDD1/DVDD2, the
digital supply (DVDD1/DVDD2) to the digital common
(DCOM1/DCOM2) as close to the chip as possible.
For applications that require a single 5 V or 3.3 V supply for
both the analog and digital supplies, a clean analog supply can
be generated using the circuit shown in Figure 42. The circuit
consists of a differential LC filter with separate power supply
and return lines. Lower noise can be attained by using low-ESR
type electrolytic and tantalum capacitors.
TTL/CMOS
LOGIC
CIRCUITS
100µF
0.1µF
AVDD
ACOM
ELECTROLYTIC
TANTALUM
CERAMIC
5V
POWER SUPPLY
FERRITE
BEADS
10µF
TO
22µF
Figure 42. Differential LC Filter for Single 5 V and 3.3 V Applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com