Electronic Components Datasheet Search
  English  ▼

X  

AD9709ASTZ1 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9709ASTZ1
Description  8-Bit, 125 MSPS, Dual TxDAC Digital-to-Analog Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9709ASTZ1 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9709ASTZ1 Datasheet HTML 3Page - Analog Devices AD9709ASTZ1 Datasheet HTML 4Page - Analog Devices AD9709ASTZ1 Datasheet HTML 5Page - Analog Devices AD9709ASTZ1 Datasheet HTML 6Page - Analog Devices AD9709ASTZ1 Datasheet HTML 7Page - Analog Devices AD9709ASTZ1 Datasheet HTML 8Page - Analog Devices AD9709ASTZ1 Datasheet HTML 9Page - Analog Devices AD9709ASTZ1 Datasheet HTML 10Page - Analog Devices AD9709ASTZ1 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
AD9709
Rev. B | Page 7 of 32
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
48 47 46
45
44 43 42
41 40 39 38 37
35
NC
NC
NC
NC
NC
34
DB0P2 (LSB)
33
DB1P2
30
DB4P2
31
DB3P2
32
DB2P2
36
NC
29
DB5P2
28
27
25
26
2
3
4
7
DB5P1
6
DB6P1
DB7P1 (MSB)
5
1
8
DB4P1
9
DB3P1
10
DB2P1
12
DB0P1
11
DB1P1
NC = NO CONNECT
13 14
15
16
17 18 19
20 21 22
23 24
AD9709
TOP VIEW
(Not to Scale)
NC
NC
NC
NC
PIN 1
INDICATOR
Figure 3. Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
1 to 8
DB7P1 to DB0P1
Data Bit Pins (Port 1)
9 to 14, 31 to 36
NC
No Connection
15, 21
DCOM1, DCOM2
Digital Common
16, 22
DVDD1, DVDD2
Digital Supply Voltage
17
WRT1/IQWRT
Input Write Signal for Port 1 (IQWRT in Interleaving Mode)
18
CLK1/IQCLK
Clock Input for DAC1 (IQCLK in Interleaving Mode)
19
CLK2/IQRESET
Clock Input for DAC2 (IQRESET in Interleaving Mode)
20
WRT2/IQSEL
Input Write Signal for Port 2 (IQSEL in Interleaving Mode)
23 to 30
DB7P2 to DB0P2
Data Bit Pins (Port 2)
37
SLEEP
Power-Down Control Input
38
ACOM
Analog Common
39, 40
IOUTA2, IOUTB2
Port 2 Differential DAC Current Outputs
41
FSADJ2
Full-Scale Current Output Adjust for DAC2
42
GAINCTRL
Master/Slave Resistor Control Mode.
43
REFIO
Reference Input/Output
44
FSADJ1
Full-Scale Current Output Adjust for DAC1
45, 46
IOUTB1, IOUTA1
Port 1 Differential DAC Current Outputs
47
AVDD
Analog Supply Voltage
48
MODE
Mode Select (1 = dual port, 0 = interleaved)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com