Electronic Components Datasheet Search
  English  ▼

X  

P89LPC970 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # P89LPC970
Description  8-bit microcontroller with accelerated two-clock 80C51 core 2 kB/4 kB/8 kB wide-voltage byte-erasable flash
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC970 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button P89LPC970 Datasheet HTML 11Page - NXP Semiconductors P89LPC970 Datasheet HTML 12Page - NXP Semiconductors P89LPC970 Datasheet HTML 13Page - NXP Semiconductors P89LPC970 Datasheet HTML 14Page - NXP Semiconductors P89LPC970 Datasheet HTML 15Page - NXP Semiconductors P89LPC970 Datasheet HTML 16Page - NXP Semiconductors P89LPC970 Datasheet HTML 17Page - NXP Semiconductors P89LPC970 Datasheet HTML 18Page - NXP Semiconductors P89LPC970 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 67 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx
xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
RCAP2L
Capture register
2 low byte
FBH
00
0000 0000
RCAP3H
Capture register
3 high byte
ECH
00
0000 0000
RCAP3L
Capture register
3 low byte
EBH
00
0000 0000
RCAP4H
Capture register
4 high byte
CAH
00
0000 0000
RCAP4L
Capture register
4 low byte
C9H
00
0000 0000
RSTSRC Reset source
register
DFH
-
BOIF
BORF
POF
R_KB
R_WD
R_SF
R_EX
[3]
RTCCON RTC control
D1H
RTCF
RTCS1
RTCS0
-
-
-
ERTC
RTCEN
60[2][4] 011x xx00
RTCH
RTC register
high
D2H
00[4]
0000 000
0
RTCL
RTC register
low
D3H
00[4]
0000 000
0
SADDR
Serial port
address register
A9H
00
0000 000
0
SADEN
Serial port
address enable
B9H
00
0000 000
0
SBUF
Serial port data
buffer register
99H
xx
xxxx xxxx
Bit address
9F
9E
9D
9C
9B
9A
99
98
SCON*
Serial port
control
98H
SM0/FE
SM1
SM2
REN
TB8
RB8
TI
RI
00
0000 000
0
SSTAT
Serial port
extended status
register
BAH
DBMOD
INTLO
CIDIS
DBISEL
FE
BR
OE
STINT
00
0000 000
0
SP
Stack pointer
81H
07
0000 0111
SPCTL
SPI control
register
E2H
SSIG
SPEN
DORD
MSTR
CPOL
CPHA
SPR1
SPR0
04
0000 010
0
Table 4.
Special function registers …continued
* indicates SFRs that are bit addressable.
Name
Description
SFR
addr.
Bit functions and addresses
Reset value
MSB
LSB
Hex
Binary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com