Electronic Components Datasheet Search
  English  ▼

X  

P89LPC970FDH Datasheet(PDF) 50 Page - NXP Semiconductors

Part # P89LPC970FDH
Description  8-bit microcontroller with accelerated two-clock 80C51 core 2 kB/4 kB/8 kB wide-voltage byte-erasable flash
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC970FDH Datasheet(HTML) 50 Page - NXP Semiconductors

Back Button P89LPC970FDH Datasheet HTML 46Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 47Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 48Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 49Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 50Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 51Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 52Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 53Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 54Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 67 page
background image
P89LPC97X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 3 — 8 June 2010
50 of 66
NXP Semiconductors
P89LPC970/971/972
8-bit microcontroller with accelerated two-clock 80C51 core
[1]
Typical ratings are not guaranteed. The values listed are at room temperature, 3 V.
[2]
The IDD(oper) and IDD(idle) specifications are measured using an external clock with the following functions disabled: comparators,
real-time clock, and watchdog timer.
[3]
The IDD(pd) and IDD(tpd) specification is measured using an external clock with the following functions disabled: comparators, real-time
clock, brownout detect, and watchdog timer.
[4]
See Section 8 “Limiting values” for steady state (non-transient) limits on IOL or IOH. If IOL/IOH exceeds the test condition, VOL/VOH may
exceed the related specification.
[5]
This specification can be applied to pins which have A/D input or analog comparator input functions when the pin is not being used for
those analog functions. When the pin is being used as an analog input pin, the maximum voltage on the pin must be limited to 4.0 V with
respect to VSS.
[6]
Pin capacitance is characterized but not tested.
[7]
Measured with port in quasi-bidirectional mode.
[8]
Measured with port in high-impedance mode.
[9]
Port pins source a transition current when used in quasi-bidirectional mode and externally driven from logic 1 to logic 0. This current is
highest when VI is approximately 2 V.
BOD reset
Vtrip
trip voltage
falling stage
BOE2, BOE1, BOE0 = 010
2.15
-
2.35
V
BOE2, BOE1, BOE0 = 011
2.45
-
2.65
V
BOE2, BOE1, BOE0 = 100
2.75
-
2.95
V
BOE2, BOE1, BOE0 = 101
3.05
-
3.25
V
BOE2, BOE1, BOE0 = 110
3.75
-
3.95
V
BOE2, BOE1, BOE0 = 111
3.95
-
4.15
V
rising stage
BOE2, BOE1, BOE0 = 010
2.30
-
2.50
V
BOE2, BOE1, BOE0 = 011
2.60
-
2.80
V
BOE2, BOE1, BOE0 = 100
2.90
-
3.10
V
BOE2, BOE1, BOE0 = 101
3.20
-
3.40
V
BOE2, BOE1, BOE0 = 110
3.85
-
4.05
V
BOE2, BOE1, BOE0 = 111
4.05
-
4.25
V
BOD flash
Vtrip
trip voltage
falling stage
2.30
-
2.55
V
rising stage
2.40
-
2.65
V
Vref(bg)
band gap
reference voltage
1.19
1.23
1.27
V
TCbg
band gap
temperature
coefficient
-10
20
ppm/
°C
Table 11.
Static characteristics …continued
VDD = 2.4 V to 5.5 V unless otherwise specified.
Tamb = −40 °Cto+85 °C for industrial applications, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com